Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-5505-K04 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HEDS-5505-K04
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5505-K04 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HEDS-5505-K04 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-5505-K04 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-5505-K04 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-5505-K04 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-5505-K04 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-5505-K04 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5505-K04 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-5505-K04 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-5505-K04 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Temperature HEDS Series
TA
-40
100
°C
Temperature HEDM Series
TA
-40
70
°C
non-condensing atmosphere
Supply Voltage
VCC
4.5
5.0
5.5
Volts
Ripple < 100 mVp-p
Load Capacitance
CL
100
pF
2.7 k
Ω pull-up
Count Frequency
f
100
kHz
Velocity (rpm) x N/60
Shaft Perpendicularity
± 0.25
mm
6.9 mm (0.27 in.) from
Plus Axial Play (HEDS Series)
(
± 0.010)
(in.)
mounting surface
Shaft Eccentricity Plus
0.04
mm (in.)
6.9 mm (0.27 in.) from
Radial Play (HEDS Series)
(0.0015)
TIR
mounting surface
Shaft Perpendicularity
± 0.175
mm
6.9 mm (0.27 in.) from
Plus Axial Play (HEDM Series)
(
± 0.007)
(in.)
mounting surface
Shaft Eccentricity Plus
0.04
mm (in.)
6.9 mm (0.27 in.) from
Radial Play(HEDM Series)
(0.0015)
TIR
mounting surface
Note: The module performance is guaranteed to 100 kHz but can operate at higher frequencies. 2.7 k
Ω pull-up resistors
required for HEDS-5540 and 5640.
Recommended Operating Conditions
Part No.
Description
Sym.
Min.
Typ.*
Max.
Units
HEDS-5500
Pulse Width Error
∆P7
45
°e
HEDS-5600
Logic State Width Error
∆S5
45
°e
(Two Channel)
Phase Error
∆φ
220
°e
Position Error
∆Θ
10
40
min. of arc
Cycle Error
∆C
3
5.5
°e
HEDM-5500
Pulse Width Error
∆P10
45
°e
HEDM-5600
Logic State Width Error
∆S10
45
°e
(Two Channel)
Phase Error
∆φ
215
°e
Position Error
∆Θ
10
40
min. of arc
Cycle Error
∆C
3
7.5
°e
HEDS-5540
Pulse Width Error
∆P5
35
°e
HEDS-5640
Logic State Width Error
∆S5
35
°e
(Three
Phase Error
∆φ
215
°e
Channel)
Position Error
∆Θ
10
40
min. of arc
Cycle Error
∆C
3
5.5
°e
Index Pulse Width
PO
55
90
125
°e
CH. I rise after
-40
°C to +100°Ct
2
-300
100
250
ns
CH. A or CH. B fall
CH. I fall after
-40
°C to +100°Ct
2
70
150
1000
ns
CH. B or CH. A rise
Note: See Mechanical Characteristics for mounting tolerances.
*Typical values specified at V
CC = 5.0 V and 25°C.
Encoding Characteristics
Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances
unless otherwise specified. Values are for the worst error over the full rotation.


Similar Part No. - HEDS-5505-K04

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5505 AVAGO-HEDS-5505 Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5505 AVAGO-HEDS-5505 Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5505 AVAGO-HEDS-5505 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-5505-K04

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com