Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC555 Datasheet(PDF) 7 Page - Micross Components

Part # HMC555
Description  Satellite Communication Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC555 Datasheet(HTML) 7 Page - Micross Components

  HMC555 Datasheet HTML 1Page - Micross Components HMC555 Datasheet HTML 2Page - Micross Components HMC555 Datasheet HTML 3Page - Micross Components HMC555 Datasheet HTML 4Page - Micross Components HMC555 Datasheet HTML 5Page - Micross Components HMC555 Datasheet HTML 6Page - Micross Components HMC555 Datasheet HTML 7Page - Micross Components HMC555 Datasheet HTML 8Page - Micross Components HMC555 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3
3 - 121
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
MxN Spurious Outputs
nLO
mRF
0
1234
0
xx
-12
xx
xx
xx
1
47
0
53
xx
xx
2xx
62
68
59
xx
3xx
xx
101
70
90
4
xxxxxx
90
104
RF = 35.1 GHz @ -10 dBm
LO = 35 GHz @ +17 dBm
Data taken without IF hybrid
All values in dBc below IF power level
Absolute Maximum Ratings
RF Input
+19 dBm
IF1 / IF2 Input
+24 dBm
LO Drive
+27 dBm
Channel Temperature
150°C
Continuous Pdiss (T=85°C)
(derate 8.95 mW/°C above 85°C)
582 mW
Thermal Resistance (R
TH
)
(channel to die bottom)
111.6 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Outline Drawing
Die Packaging Information [1]
Standard
Alternate
WP-3 (Waffle Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC555
GaAs MMIC I/Q MIXER
31 - 38 GHz
v02.0907
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND PAD IS .004”
4. BACKSIDE METALIZATION: GOLD
5. BOND PAD METALIZATION: GOLD
6. BACKSIDE METAL IS GROUND
7. CONNECTION NOT REQUIRED FOR
UNLABELED BOND PADS.
8. OVERALL DIE SIZE ±.002”
9. THIS DIE IS DESIGNED FOR PICK-UP WITH
VACUUM (EDGE) COLLET TOOLS. TO PRECLUDE
THE RISK OF PERMANENT DAMAGE, NO CONTACT
TO THE DIE SURFACE IS ALLOWED WITHIN THIS
RECTANGULAR AREA.


Similar Part No. - HMC555

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC555 HITTITE-HMC555 Datasheet
320Kb / 6P
   GaAs MMIC I/Q MIXER 31 - 38 GHz
HMC555 HITTITE-HMC555 Datasheet
245Kb / 6P
   GaAs MMIC I/Q MIXER 31 - 38 GHz
HMC555 HITTITE-HMC555_09 Datasheet
245Kb / 6P
   GaAs MMIC I/Q MIXER 31 - 38 GHz
More results

Similar Description - HMC555

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC362 MICROSS-HMC362 Datasheet
846Kb / 9P
   Satellite Communication Systems
logo
Z-Communications, Inc
PSA3295C-LF ZCOMM-PSA3295C-LF Datasheet
87Kb / 2P
   Satellite Communication Systems
PSA3240C-LF ZCOMM-PSA3240C-LF Datasheet
87Kb / 2P
   Satellite Communication Systems
logo
Analog Devices
HMC361S8G AD-HMC361S8G Datasheet
385Kb / 6P
   Satellite communication systems
HMC365 AD-HMC365 Datasheet
301Kb / 6P
   Satellite Communication Systems
logo
Micross Components
HMC339 MICROSS-HMC339 Datasheet
953Kb / 11P
   Satellite Communication Systems
HMC404 MICROSS-HMC404 Datasheet
893Kb / 11P
   Satellite Communication Systems
logo
Analog Devices
HMC365S8G AD-HMC365S8G Datasheet
345Kb / 6P
   Satellite Communication Systems
logo
Z-Communications, Inc
DRO8000A ZCOMM-DRO8000A Datasheet
144Kb / 2P
   Voltage-Controlled Oscillator Satellite Communication Systems
PSA3500A ZCOMM-PSA3500A Datasheet
76Kb / 2P
   Satellite Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com