Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC557 Datasheet(PDF) 9 Page - Micross Components

Part # HMC557
Description  Microwave Radio
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC557 Datasheet(HTML) 9 Page - Micross Components

  HMC557 Datasheet HTML 1Page - Micross Components HMC557 Datasheet HTML 2Page - Micross Components HMC557 Datasheet HTML 3Page - Micross Components HMC557 Datasheet HTML 4Page - Micross Components HMC557 Datasheet HTML 5Page - Micross Components HMC557 Datasheet HTML 6Page - Micross Components HMC557 Datasheet HTML 7Page - Micross Components HMC557 Datasheet HTML 8Page - Micross Components HMC557 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
4
4 - 71
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or with
conductive epoxy (see HMC general Handling, Mounting, Bonding Note).
50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina thin film
substrates are recommended for bringing RF to and from the chip (Figure 1). If
0.254mm (10 mil) thick alumina thin film substrates must be used, the die should
be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface
of the substrate. One way to accomplish this is to attach the 0.102mm (4 mil) thick
die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then
attached to the ground plane (Figure 2).
Microstrip substrates should be brought as close to the die as possible in order to
minimize ribbon bond length. Typical die-to-substrate spacing is 0.076mm (3 mils).
Gold ribbon of 0.075 mm (3 mil) width and minimal length <0.31 mm (<12 mils) is
recommended to minimize inductance on RF, LO & IF ports.
Handling Precautions
Follow these precautions to avoid permanent damage.
Storage: All bare die are placed in either Waffle or Gel based ESD protective
containers, and then sealed in an ESD protective bag for shipment. Once the
sealed ESD protective bag has been opened, all die should be stored in a dry
nitrogen environment.
Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean
the chip using liquid cleaning systems.
Static Sensitivity: Follow ESD precautions to protect against ESD strikes.
Transients: Suppress instrument and bias supply transients while bias is applied.
Use shielded signal and bias cables to minimize inductive pick-up.
General Handling: Handle the chip along the edges with a vacuum collet or with
a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and
should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms
or with electrically conductive epoxy. The mounting surface should be clean and flat.
Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 °C and a tool temperature
of 265 °C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 °C. DO NOT expose the chip
to a temperature greater than 320 °C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for
attachment.
Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the
perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer’s schedule.
Wire Bonding
Ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire is recommended. Thermosonic wirebonding with a nominal stage
temperature of 150 °C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use
the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on
the package or substrate. All bonds should be as short as possible <0.31 mm (12 mils).
0.102mm (0.004”) Thick GaAs MMIC
3 mil Ribbon Bond
RF Ground Plane
0.127mm (0.005”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 1.
0.102mm (0.004”) Thick GaAs MMIC
3 mil Ribbon Bond
RF Ground Plane
0.254mm (0.010”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 2.
0.150mm (0.005”) Thick
Moly Tab
HMC557
v01.1007
GaAs MMIC FUNDAMENTAL
MIXER, 2.5 - 7.0 GHz


Similar Part No. - HMC557

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC557 HITTITE-HMC557 Datasheet
230Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
HMC557 HITTITE-HMC557 Datasheet
222Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
logo
Analog Devices
HMC557A AD-HMC557A Datasheet
348Kb / 23P
   24-terminal ceramic leadless chip carrier package
HMC557ALC4 AD-HMC557ALC4 Datasheet
348Kb / 23P
   24-terminal ceramic leadless chip carrier package
HMC557ALC4TR AD-HMC557ALC4TR Datasheet
348Kb / 23P
   24-terminal ceramic leadless chip carrier package
More results

Similar Description - HMC557

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
   Microwave Radio
HMC553 MICROSS-HMC553 Datasheet
864Kb / 9P
   Microwave Radio
HMC556 MICROSS-HMC556 Datasheet
885Kb / 9P
   Microwave Radio
HMC203 MICROSS-HMC203 Datasheet
753Kb / 7P
   Microwave Radio
logo
Analog Devices
HMC636ST89 AD-HMC636ST89 Datasheet
393Kb / 6P
   Microwave Radio
HMC311LP3 AD-HMC311LP3 Datasheet
360Kb / 6P
   Microwave Radio
logo
Micross Components
HMC554 MICROSS-HMC554 Datasheet
874Kb / 9P
   Microwave Radio
HMC558 MICROSS-HMC558 Datasheet
878Kb / 9P
   Microwave Radio
logo
Analog Devices
HMC311ST89 AD-HMC311ST89 Datasheet
356Kb / 6P
   Microwave Radio
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
   42 GHz Microwave Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com