Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC565 Datasheet(PDF) 5 Page - Micross Components

Part # HMC565
Description  Point-to-Point Radios
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC565 Datasheet(HTML) 5 Page - Micross Components

  HMC565 Datasheet HTML 1Page - Micross Components HMC565 Datasheet HTML 2Page - Micross Components HMC565 Datasheet HTML 3Page - Micross Components HMC565 Datasheet HTML 4Page - Micross Components HMC565 Datasheet HTML 5Page - Micross Components HMC565 Datasheet HTML 6Page - Micross Components HMC565 Datasheet HTML 7Page - Micross Components HMC565 Datasheet HTML 8Page - Micross Components HMC565 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1
1 - 85
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain & Return Loss
Gain vs. Temperature
Noise Figure vs. Temperature
-30
-20
-10
0
10
20
30
4
6
8
1012
14
161820
22
S21
S11
S22
FREQUENCY (GHz)
HMC565
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 6 - 20 GHz
v02.0209
-20
-15
-10
-5
0
4
6
8
1012
14
161820
22
+25C
+85C
-55C
FREQUENCY (GHz)
0
2
4
6
8
10
4
6
8
1012
14
161820
22
+25C
+85C
-55C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
4
6
8
1012
14
161820
22
+25C
+85C
-55C
FREQUENCY (GHz)
0
5
10
15
20
25
30
4
6
8
10
121416
1820
22
+25C
+85C
-55C
FREQUENCY (GHz)
Reverse Isolation vs. Temperature
-60
-50
-40
-30
-20
-10
0
4
6
8
1012
14
161820
22
+25C
+85C
-55C
FREQUENCY (GHz)


Similar Part No. - HMC565

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
logo
Analog Devices
HMC565 AD-HMC565 Datasheet
649Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC565LC5 HITTITE-HMC565LC5 Datasheet
226Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC565LC5 HITTITE-HMC565LC5 Datasheet
215Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
logo
Analog Devices
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER
More results

Similar Description - HMC565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC753 AD-HMC753 Datasheet
429Kb / 14P
   Point to point radios
HMC490 AD-HMC490 Datasheet
406Kb / 8P
   Point-to-Point Radios
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
   Point-to-Point Radios
logo
Micross Components
HMC383 MICROSS-HMC383 Datasheet
907Kb / 9P
   Point-to-Point Radios
logo
Analog Devices
HMC7229CHIPS AD-HMC7229CHIPS Datasheet
275Kb / 16P
   Point to point radios
HMC-ALH482 AD-HMC-ALH482 Datasheet
285Kb / 6P
   Point-to-Point Radios
HMC144LC4 AD-HMC144LC4 Datasheet
615Kb / 10P
   Point-to-Point Radios
HMC516LC5 AD-HMC516LC5 Datasheet
375Kb / 6P
   Point-to-Point Radios
HMC633LC4 AD-HMC633LC4 Datasheet
425Kb / 8P
   Point-to-Point Radios
logo
Micross Components
HMC392 MICROSS-HMC392 Datasheet
836Kb / 9P
   Point-to-Point Radios
HMC451 MICROSS-HMC451 Datasheet
955Kb / 9P
   Point-to-Point Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com