Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX8045GB Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX8045GB
Description  Crystal Units Surface Mount Type CX8045GB (CX-8045G)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX8045GB Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX8045GB_13 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8.0
×4.5mm for Consumer Products
Crystal Units
Surface Mount Type CX8045GB (CX-8045G)
RoHS Compliant
Features
• Crystal unit for Consumer Products
• Small and low profile (8.0
×4.5×1.8mm)
• Ceramic package
• Reflow compatible
Applications
• Digital Electronics
• Consumer Products
• Car audio and accessories
How to Order
CX8045GB 07200 □□ □ □ □ □□
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
H0
12 pF
Std.
④ Frequency Stability
H
±20×10-6 Std.
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
EQ
-10 to +70°C ±30×10-6 Std. to 40000kHz
ET
-10 to +70°C ±100×10-6 Std. from 40001kHz
⑦ Individual Specification
Packaging (Tape & Reel 3000/ 1000 pcs./ reel)
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
4000 to 48000
kHz
Overtone Order
OT
Fundamental
Load Capacitance
CL
8
12
pF
Frequency Stability
f_tol
±20
×10-6 25°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range T_use
-10 to +70
°C
Storage Temp. Range T_stg
-40 to +85
°C
Frequency Temp. Characteristics f_tem
±30
(4000 to 40000kHz)
±100
(40001 to 48000kHz) ×10
-6
Freq. deviation from the value at 25
°C
• Please contact us for other specifications.
Typical Frequencies and Part Numbers
Frequency (kHz)
Part Number
7200.000
CX8045GB07200H0HEQZ1
14318.180
CX8045GB14318H0HEQZ1
16000.000
CX8045GB16000H0HEQZ1
16384.000
CX8045GB16384H0HEQZ1
16934.400
CX8045GB16934H0HEQZ1
19660.800
CX8045GB19660H0HEQZ1
20000.000
CX8045GB20000H0HEQZ1
21477.720
CX8045GB21477H0HEQZ1
24000.000
CX8045GB24000H0HEQZ1
24576.000
CX8045GB24576H0HEQZ1
27000.000
CX8045GB27000H0HEQZ1
28636.360
CX8045GB28636H0HEQZ1
30000.000
CX8045GB30000H0HEQZ1
32000.000
CX8045GB32000H0HEQZ1
36000.000
CX8045GB36000H0HEQZ1
40000.000
CX8045GB40000H0HEQZ1
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
4000 to 7199kHz
300
Ω max.
7200 to 9999kHz
200
Ω max.
10000 to 11999kHz
150
Ω max.
12000 to 48000kHz
100
Ω max.
Table2 Level of Drive
Frequency Range
Level of Drive
4000 to 15999kHz
10
μW (500μW max.)
16000 to 24999kHz
10
μW (300μW max.)
25000 to 48000kHz
10
μW (100μW max.)
8.0±0.3
1.5
1.5
5.0
CONNECTION
Dimensions
(Unit: mm)
6.6
2.4
2.4
Recommended Land Pattern
(Unit: mm)


Similar Part No. - CX8045GB_13

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX8045GB21477H0PESZZ KSS-CX8045GB21477H0PESZZ Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
More results

Similar Description - CX8045GB_13

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX8045JA KSS-CX8045JA_12 Datasheet
89Kb / 1P
   Crystal Units Surface Mount Type CX8045JA (CX-17F)
CX3225SB KSS-CX3225SB_12 Datasheet
60Kb / 1P
   Crystal Units Surface Mount Type CX3225SB (CX-101F)
CX2520SB KSS-CX2520SB Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
   SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
   Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
   Crystal units surface mount type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com