Electronic Components Datasheet Search |
|
HEDS-5500-F04 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HEDS-5500-F04 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 15 page 5 Parameter Symbol Min. Typ. Max. Units Notes Temperature HEDS Series TA -40 100 °C Temperature HEDM Series TA -40 70 °C non-condensing atmosphere Supply Voltage VCC 4.5 5.0 5.5 Volts Ripple < 100 mVp-p Load Capacitance CL 100 pF 2.7 k Ω pull-up Count Frequency f 100 kHz Velocity (rpm) x N/60 Shaft Perpendicularity ± 0.25 mm 6.9 mm (0.27 in.) from Plus Axial Play (HEDS Series) ( ± 0.010) (in.) mounting surface Shaft Eccentricity Plus 0.04 mm (in.) 6.9 mm (0.27 in.) from Radial Play (HEDS Series) (0.0015) TIR mounting surface Shaft Perpendicularity ± 0.175 mm 6.9 mm (0.27 in.) from Plus Axial Play (HEDM Series) ( ± 0.007) (in.) mounting surface Shaft Eccentricity Plus 0.04 mm (in.) 6.9 mm (0.27 in.) from Radial Play(HEDM Series) (0.0015) TIR mounting surface Note: The module performance is guaranteed to 100 kHz but can operate at higher frequencies. 2.7 k Ω pull-up resistors required for HEDS-5540 and 5640. Recommended Operating Conditions Part No. Description Sym. Min. Typ.* Max. Units HEDS-5500 Pulse Width Error ∆P7 45 °e HEDS-5600 Logic State Width Error ∆S5 45 °e (Two Channel) Phase Error ∆φ 220 °e Position Error ∆Θ 10 40 min. of arc Cycle Error ∆C 3 5.5 °e HEDM-5500 Pulse Width Error ∆P10 45 °e HEDM-5600 Logic State Width Error ∆S10 45 °e (Two Channel) Phase Error ∆φ 215 °e Position Error ∆Θ 10 40 min. of arc Cycle Error ∆C 3 7.5 °e HEDS-5540 Pulse Width Error ∆P5 35 °e HEDS-5640 Logic State Width Error ∆S5 35 °e (Three Phase Error ∆φ 215 °e Channel) Position Error ∆Θ 10 40 min. of arc Cycle Error ∆C 3 5.5 °e Index Pulse Width PO 55 90 125 °e CH. I rise after -40 °C to +100°Ct 2 -300 100 250 ns CH. A or CH. B fall CH. I fall after -40 °C to +100°Ct 2 70 150 1000 ns CH. B or CH. A rise Note: See Mechanical Characteristics for mounting tolerances. *Typical values specified at V CC = 5.0 V and 25°C. Encoding Characteristics Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances unless otherwise specified. Values are for the worst error over the full rotation. |
Similar Part No. - HEDS-5500-F04 |
|
Similar Description - HEDS-5500-F04 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |