Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

408-4458 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 408-4458
Description  PRO-CRIMPER III Hand Crimping Tool Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

408-4458 Datasheet(HTML) 4 Page - Tyco Electronics

  408-4458 Datasheet HTML 1Page - Tyco Electronics 408-4458 Datasheet HTML 2Page - Tyco Electronics 408-4458 Datasheet HTML 3Page - Tyco Electronics 408-4458 Datasheet HTML 4Page - Tyco Electronics 408-4458 Datasheet HTML 5Page - Tyco Electronics 408-4458 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
408- 4458
PRO- CRIMPER III Hand Crimping Tool Assembly 58654- 1
Rev B
4
of 6
Tyco Electronics Corporation
Make sure that both sides of the insulation barrel
are started evenly into the crimping section. Do
NOT attempt to crimp an improperly positioned
contact.
4. Hold the contact in position and squeeze the
tool handles together until ratchet engages
sufficiently to hold the contact in position. Do NOT
deform insulation barrel or wire barrel.
5. Insert stripped wire into contact insulation and
wire barrels until it is butted against the wire stop,
as shown in Figure 3.
6. Holding the wire in place, squeeze tool handles
together until ratchet releases. Allow tool handles
to open and remove crimped contact.
The crimped contact may stick in the crimping
area, but the contact can be easily removed by
pushing downward on the top of the locator (see
Figure 3).
7. Check the contact’s crimp height as described in
Section 6, CRIMP HEIGHT INSPECTION. If
necessary, adjust the crimp height as described in
Section 7, RATCHET (Crimp Height)
ADJUSTMENT.
6. CRIMP HEIGHT INSPECTION
Crimp height inspection is performed through the use
of a micrometer with a modified anvil, commonly
referred to as a crimp--height comparator. Tyco
Electronics does not manufacture or market
crimp--height comparators. Detailed information on
obtaining and using crimp--height comparators can be
found in instruction sheet 408--7424.
Proceed as follows:
1. Refer to Figure 4 and select a wire (maximum
size) for each crimp section listed.
2. Refer to Section 5, CRIMPING PROCEDURE,
and crimp the contact(s) accordingly.
3. Using a crimp height comparator, measure the
wire barrel crimp height as shown in Figure 4. If the
crimp height conforms to that shown in the table,
the tool is considered dimensionally correct. If not,
the tool must be adjusted. Refer to Section 7,
RATCHET (Crimp Height) ADJUSTMENT.
Position Point
on Center of
Wire Barrel
Opposite
Seam
“A”
Modified Anvil
Wire Size
AWG (Ma
Crimp Section
Crimp Height Dim.
(A) and Tolerance
AWG (Ma
Crimp Section
(Wire Size Markig)
(A) and Tolerance
(+) .051 [.0020]
24
26--24
0.622
[.0245]
22
22
0.711
[.0280]
28
30--28
0.559
[.0220]
Figure 4
7. RATCHET (Crimp Height) ADJUSTMENT (Figure 5)
1. Remove the lockscrew from the ratchet
adjustment wheel.
2. With a screwdriver, adjust the ratchet wheel
from the locator side of the tool.
Figure 5
Screwdriver
Ratchet
Adjustment
Wheel
Lockscrew
(Typ)
CAUTION
!
NOTE
i


Similar Part No. - 408-4458

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-4452 TEC-408-4452 Datasheet
129Kb / 4P
   PRO-CRIMPER III Hand Crimping
logo
Tyco Electronics
408-4453 MACOM-408-4453 Datasheet
213Kb / 4P
   PRO?밅RIMPER III Hand Tool Assembly
More results

Similar Description - 408-4458

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9973 TEC-408-9973 Datasheet
332Kb / 6P
   PRO-CRIMPER III Hand Crimping Tool Assembly
logo
Tyco Electronics
408-4274 MACOM-408-4274 Datasheet
245Kb / 6P
   PRO-CRIMPER* III Hand Crimping Tool Assembly
logo
TE Connectivity Ltd
408-9964 TEC-408-9964 Datasheet
244Kb / 6P
   PRO-CRIMPER III Hand Crimping Tool Assembly
408-9962 TEC-408-9962 Datasheet
244Kb / 6P
   PRO-CRIMPER III Hand Crimping Tool Assembly
logo
Tyco Electronics
408-4353 MACOM-408-4353 Datasheet
246Kb / 6P
   PRO-CRIMPER III Hand Crimping Tool Assembly
logo
TE Connectivity Ltd
408-9967 TEC-408-9967 Datasheet
411Kb / 6P
   PRO-CRIMPER III Hand Crimping Tool Assembly
408-9992 TEC-408-9992 Datasheet
261Kb / 6P
   PRO-CRIMPER* III Hand Crimping Tool Assembly
logo
Tyco Electronics
408-4275 MACOM-408-4275 Datasheet
244Kb / 6P
   PRO-CRIMPER III Hand Crimping Tool Assembly
logo
TE Connectivity Ltd
408-9938 TEC-408-9938 Datasheet
314Kb / 5P
   PRO-CRIMPER III Hand Crimping Tool Assembly
408-9966 TEC-408-9966 Datasheet
335Kb / 6P
   PRO-CRIMPER III Hand Crimping Tool Assembly
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com