Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

58630-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 58630-1
Description  PRO?밅RIMPER III Hand Tool Assembly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

58630-1 Datasheet(HTML) 3 Page - Tyco Electronics

  58630-1 Datasheet HTML 1Page - Tyco Electronics 58630-1 Datasheet HTML 2Page - Tyco Electronics 58630-1 Datasheet HTML 3Page - Tyco Electronics 58630-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
408-4453
PRO-CRIMPER III Hand Tool Assembly 58630-1
3 of 4
Rev A
Tyco Electronics Corporation
Figure 3
Back of Tool
Crimping
Chamber
Strip Length
Anvil Die
Crimper Die
Wire
5. CRIMP HEIGHT INSPECTION
This inspection requires the use of a plug gage
conforming to the dimensions provided in Figure 4.
Tyco Electronics does not manufacture or market
these gages. To gage the crimping chambers,
proceed as follows:
1. Remove traces of oil or dirt from crimping
chambers and plug gages.
GO Dim.
Suggested Plug Gage Design
NO-GO Dim.
25.4 [1.00]
Min Typ
CRIMPING
GAGE ELEMENT DIMENSIONS (mm [in.])
CRIMPING
CHAMBER
GO
NO-GO
12
2.3622-2.3698
[.0930-.0933]
2.4613-2.4638
[.0969-.0970]
10
2.4892-2.4968
[.0980-.0983]
2.5883-2.5908
[.1019-.1020]
Crimping
Chamber
GO
Element
NO-GO
Element
Figure 4
NOTE: The die anvil must be rotated 180° to gage
the opposite nest.
2. Close the tool handles until it is evident that the
dies have bottomed; hold the tool in this position.
Do NOT force the dies beyond initial contact.
3. Carefully insert GO element straight into the
corresponding crimping chamber; do not force it.
The GO element must pass completely through the
crimping chamber. See Figure 4.
4. In the same manner, try to insert the NO–GO
element into the same crimping chamber. The
NO–GO element may start entry, but must not
pass completely through the crimping chamber.
If the crimping chambers conform to the gage
inspection, they are considered dimensionally correct,
and should be lubricated with a THIN coat of any
good SAE 20 motor oil. If not, the tool must be
adjusted according to Section 6, CRIMP HEIGHT
ADJUSTMENT.
For additional information concerning the use of plug
gages, refer to Instruction Sheet 408–7424.
6. CRIMP HEIGHT ADJUSTMENT (Figure 5)
1. Remove the lockscrew from the ratchet
adjustment wheel.
2. With a screwdriver, adjust the ratchet wheel
from the front of the tool.
3. Observe the ratchet adjustment wheel. If a
tighter crimp is required, rotate the adjustment
wheel
counterclockwise to a higher–numbered
setting. If a looser crimp is required, rotate the
adjustment wheel
clockwise to a lower–numbered
setting.
4. Re–assemble the lockscrew.


Similar Part No. - 58630-1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
58632 ALPHAWIRE-58632 Datasheet
70Kb / 3P
   Customer Specification
logo
TE Connectivity Ltd
58637-2 TEC-58637-2 Datasheet
597Kb / 6P
   PRO-CRIMPER III Hand Crimping
More results

Similar Description - 58630-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10227 MACOM-408-10227 Datasheet
324Kb / 5P
   PRO?밅RIMPER III Hand Tool Assembly
408-10207 MACOM-408-10207 Datasheet
238Kb / 5P
   PRO?밅RIMPER III Hand Tool Assembly
408-4031 MACOM-408-4031 Datasheet
238Kb / 5P
   PRO?밅RIMPER III Hand Tool Assembly
408-4145 MACOM-408-4145 Datasheet
209Kb / 4P
   PRO?밅RIMPER III Hand Tool Assembly
408-9830 MACOM-408-9830 Datasheet
167Kb / 3P
   PRO?밅RIMPER III Hand Tool Assembly
408-4276 MACOM-408-4276 Datasheet
242Kb / 5P
   PRO?밅RIMPER III Hand Crimping Tool Assembly
408-4093 MACOM-408-4093 Datasheet
196Kb / 4P
   PRO?밅RIMPER III Hand Tool
408-4217 MACOM-408-4217 Datasheet
293Kb / 5P
   PRO?밅RIMPER III Hand Crimping Tool Assembly
408-4356 MACOM-408-4356 Datasheet
244Kb / 5P
   PRO?밅RIMPER III Hand Crimping Tool Assembly
408-10267 MACOM-408-10267 Datasheet
286Kb / 3P
   Undercarpet PRO?밅RIMPER III Hand Tool Assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com