Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RC2-RLWCL Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T89C51RC2-RLWCL
Description  8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-RLWCL Datasheet(HTML) 5 Page - ATMEL Corporation

  T89C51RC2-RLWCL Datasheet HTML 1Page - ATMEL Corporation T89C51RC2-RLWCL Datasheet HTML 2Page - ATMEL Corporation T89C51RC2-RLWCL Datasheet HTML 3Page - ATMEL Corporation T89C51RC2-RLWCL Datasheet HTML 4Page - ATMEL Corporation T89C51RC2-RLWCL Datasheet HTML 5Page - ATMEL Corporation T89C51RC2-RLWCL Datasheet HTML 6Page - ATMEL Corporation T89C51RC2-RLWCL Datasheet HTML 7Page - ATMEL Corporation T89C51RC2-RLWCL Datasheet HTML 8Page - ATMEL Corporation T89C51RC2-RLWCL Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev. B - 30-Mar-01
5
Preliminary
T89C51RB2/RC2
5. Pin Configurations
P1.7CEX4/MOSI
P1.4/CEX1
RST
P3.0/RxD
P3.1/TxD
P1.3CEX0
1
P1.5/CEX2/MISO
P1.6/CEX3/SCK
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
P3.6/WR
P3.7/RD
XTAL2
XTAL1
VSS
P2.0/AD8
P2.1/AD9
P2.2/AD10
P2.3/AD11
P2.4/AD12
P0.4/AD4
P0.6/AD6
P0.5/AD5
P0.7/AD7
ALE/PROG
PSEN
EA
P2.7/AD15
P2.5/AD13
P2.6/AD14
P1.0/T2
P1.2/ECI
P1.1/T2EX/SS
VCC
P0.0/AD0
P0.1/AD1
P0.2/AD2
P0.3/AD3
PDIL40
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
43 42 41 40 39
44
38 37 36 35 34
P0.4/AD4
P0.6/AD6
P0.5/AD5
P0.7/AD7
ALE/PROG
PSEN
EA
NIC*
P2.7/A15
P2.5/A13
P2.6/A14
P1.5/CEX2/MISO
P1.6/CEX3/SCK
P1.7/CEX4/MOSI
RST
P3.0/RxD
NIC*
P3.1/TxD
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
12 13
17
16
15
14
20
19
18
21 22
33
32
31
30
29
28
27
26
25
24
23
VQFP44 1.4
1
2
3
4
5
6
7
8
9
10
11
18 19
23
22
21
20
26
25
24
27 28
5 4 3 2 1
6
44 43 42 41 40
P0.4/AD4
P0.6/AD6
P0.5/AD5
P0.7/AD7
ALE/PROG
PSEN
EA
NIC*
P2.7/A15
P2.5/A13
P2.6/A14
P1.5/CEX2/MISO
P1.6/CEX3/SCK
P1.7/CEx4/MOSI
RST
P3.0/RxD
NIC*
P3.1/TxD
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
PLCC44
*NIC: No Internal Connection


Similar Part No. - T89C51RC2-RLWCL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RC2-RLTIL ATMEL-T89C51RC2-RLTIL Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RC2-RLTIM ATMEL-T89C51RC2-RLTIM Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
More results

Similar Description - T89C51RC2-RLWCL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
logo
ATMEL Corporation
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
logo
Integrated Circuit Solu...
IC89LV52 ICSI-IC89LV52 Datasheet
218Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
logo
Integrated Silicon Solu...
IS89C51 ISSI-IS89C51 Datasheet
280Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
logo
Integrated Circuit Solu...
IC89C52 ICSI-IC89C52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
logo
Intel Corporation
M87C51FC INTEL-M87C51FC Datasheet
257Kb / 15P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 32 KBYTES USER PROGRAMMABLE EPROM
logo
Integrated Circuit Solu...
IC89E54 ICSI-IC89E54 Datasheet
180Kb / 36P
   8-BITS SINGLE MICROCONTROLLER with 16/32/64-Kbytes of FLASH, 256 byte 512 byte RAM
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com