Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCGH9RN-MYNY-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCGH9RN-MYNY-1
Description  OSRAM OSTAR Projection Cube is a high flux LED for slim designs.
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCGH9RN-MYNY-1 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCGH9RN-MYNY-1 Datasheet HTML 6Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 7Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 8Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 9Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 10Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 11Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 12Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 13Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2016-02-01
10
Version 1.2 - OS-PCN-2015-034-A
LCG H9RN
Forward Current 5) page 21 , 6) page 21
Durchlassstrom 5) Seite 21 , 6) Seite 21
IF = f (VF); TJ = 25 °C
Relative Luminous Flux 5) page 21 , 6) page 21
Relativer Lichtstrom 5) Seite 21 , 6) Seite 21
ΦVV(700 mA) = f(IF); TJ = 25 °C
Chromaticity Coordinate Shift 5) page 21
Farbortverschiebung 5) Seite 21
ΔCx, ΔCy = f(IF); TJ = 25 °C
full spectral range
Chromaticity Coordinate Shift 5) page 21
Farbortverschiebung 5) Seite 21
ΔCx, ΔCy = f(IF); TJ = 25 °C
within λ = 500 ... 600 nm
LCG H9RN
2,6
3,3
2,8
3,0
3,2
VF [V]
100
1500
200
400
600
800
1000
1200
1400
IF [mA]
LCG H9RN
10
0
15
00
40
0
60
0
80
0
10
00
12
00
IF [mA]
0,0
0,5
1,0
1,5
2,0
Φ
V
Φ
V(700mA)
LCG H9RN
10
0
15
00
40
0
60
0
80
0
10
00
12
00
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
:
Cx
:
Cy
LCG H9RN.
10
0
15
00
40
0
60
0
80
0
10
00
12
00
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
:
Cx
:
Cy


Similar Part No. - LCGH9RN-MYNY-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCGH9RN OSRAM-LCGH9RN Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
More results

Similar Description - LCGH9RN-MYNY-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCGH9RM-LXLZ-1 OSRAM-LCGH9RM-LXLZ-1 Datasheet
863Kb / 22P
   OSRAM OSTAR Projection Cube is a high flux LED for slim designs.
LCGH9RN OSRAM-LCGH9RN Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
LCG_H9RM OSRAM-LCG_H9RM Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
LCGH9RM OSRAM-LCGH9RM Datasheet
863Kb / 22P
   OSRAM OSTAR Projection Cube
logo
ams AG
LEBP1MR AMSCO-LEBP1MR Datasheet
3Mb / 21P
   OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.1 2022-08-17
LEAP2W AMSCO-LEAP2W Datasheet
2Mb / 21P
   OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.12 2020-11-05
logo
OSRAM GmbH
LCG-H9RN-MXNX-1 OSRAM-LCG-H9RN-MXNX-1 Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube Datasheet Version 1.0
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
   OSRAM OSTAR Projection Compact
LEAQ9WM OSRAM-LEAQ9WM Datasheet
734Kb / 22P
   OSRAM OSTAR Projection Compact
LECGP3W OSRAM-LECGP3W Datasheet
1Mb / 25P
   OSRAM OSTAR Projection Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com