Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCGH9RN-MYNY-1 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LCGH9RN-MYNY-1
Description  OSRAM OSTAR Projection Cube is a high flux LED for slim designs.
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCGH9RN-MYNY-1 Datasheet(HTML) 3 Page - OSRAM GmbH

  LCGH9RN-MYNY-1 Datasheet HTML 1Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 2Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 3Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 4Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 5Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 6Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 7Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 8Page - OSRAM GmbH LCGH9RN-MYNY-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Version 1.2 - OS-PCN-2015-034-A
LCG H9RN
2016-02-01
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 100
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 100
°C
Junction temperature
Sperrschichttemperatur
Tj
150
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
100 ... 1000
mA
Forward current pulsed
Durchlassstrom gepulst
(D = 0.5; f = 120 Hz; TS = 25 °C)
IF pulse
1500
mA
Reverse voltage
Sperrspannung
(T
S = 25 °C)
VR
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
V
ESD
8
kV


Similar Part No. - LCGH9RN-MYNY-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCGH9RN OSRAM-LCGH9RN Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
More results

Similar Description - LCGH9RN-MYNY-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCGH9RM-LXLZ-1 OSRAM-LCGH9RM-LXLZ-1 Datasheet
863Kb / 22P
   OSRAM OSTAR Projection Cube is a high flux LED for slim designs.
LCGH9RN OSRAM-LCGH9RN Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
LCG_H9RM OSRAM-LCG_H9RM Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
LCGH9RM OSRAM-LCGH9RM Datasheet
863Kb / 22P
   OSRAM OSTAR Projection Cube
logo
ams AG
LEBP1MR AMSCO-LEBP1MR Datasheet
3Mb / 21P
   OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.1 2022-08-17
LEAP2W AMSCO-LEAP2W Datasheet
2Mb / 21P
   OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.12 2020-11-05
logo
OSRAM GmbH
LCG-H9RN-MXNX-1 OSRAM-LCG-H9RN-MXNX-1 Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube Datasheet Version 1.0
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
   OSRAM OSTAR Projection Compact
LEAQ9WM OSRAM-LEAQ9WM Datasheet
734Kb / 22P
   OSRAM OSTAR Projection Compact
LECGP3W OSRAM-LECGP3W Datasheet
1Mb / 25P
   OSRAM OSTAR Projection Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com