Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWG6CP-DAFA-4J8K Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCWG6CP-DAFA-4J8K
Description  Automotive Interior Lighting
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWG6CP-DAFA-4J8K Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCWG6CP-DAFA-4J8K Datasheet HTML 2Page - OSRAM GmbH LCWG6CP-DAFA-4J8K Datasheet HTML 3Page - OSRAM GmbH LCWG6CP-DAFA-4J8K Datasheet HTML 4Page - OSRAM GmbH LCWG6CP-DAFA-4J8K Datasheet HTML 5Page - OSRAM GmbH LCWG6CP-DAFA-4J8K Datasheet HTML 6Page - OSRAM GmbH LCWG6CP-DAFA-4J8K Datasheet HTML 7Page - OSRAM GmbH LCWG6CP-DAFA-4J8K Datasheet HTML 8Page - OSRAM GmbH LCWG6CP-DAFA-4J8K Datasheet HTML 9Page - OSRAM GmbH LCWG6CP-DAFA-4J8K Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
2015-08-20
6
Version 1.2
LCW G6CP
Color Chromaticity Groups 2) page 27
Farbortgruppen 2) Seite 27
Color Temperature 2700K 2) page 27
Farbtemperatur 2700K 2) Seite 27
Chromaticity Coordinate Groups 2) page 27
Farbortgruppen 2) Seite 27
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
4U
0.4326
0.3801
4W
0.4432
0.3826
0.4373
0.3893
0.4483
0.3918
0.4379
0.3813
0.4485
0.3838
0.4428
0.3906
0.4538
0.3931
5U
0.4373
0.3893
5W
0.4483
0.3918
0.4420
0.3985
0.4534
0.4011
0.4428
0.3906
0.4538
0.3931
0.4477
0.3998
0.4591
0.4024
6U
0.4420
0.3985
6W
0.4534
0.4011
0.4467
0.4076
0.4585
0.4104
0.4477
0.3998
0.4591
0.4024
0.4526
0.4090
0.4644
0.4118
OHA03621
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
0.26
480
460
470
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.24
J
K
L
M
N
O
P
Q
R
U V
T
S
W X
4
5
7
6
8
4
5
6
7
8
9
4500 K
4000 K
3500 K
3000 K
2700 K


Similar Part No. - LCWG6CP-DAFA-4J8K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWG6CP OSRAM-LCWG6CP Datasheet
805Kb / 28P
   white SMT package, colorless clear silicone resin
More results

Similar Description - LCWG6CP-DAFA-4J8K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
   Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
   Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
   Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
   Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
   Automotive Interior Lighting
LYT670 OSRAM-LYT670 Datasheet
443Kb / 19P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com