Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWG6CP-DAFA-4U9X Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCWG6CP-DAFA-4U9X
Description  Automotive Interior Lighting
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWG6CP-DAFA-4U9X Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCWG6CP-DAFA-4U9X Datasheet HTML 6Page - OSRAM GmbH LCWG6CP-DAFA-4U9X Datasheet HTML 7Page - OSRAM GmbH LCWG6CP-DAFA-4U9X Datasheet HTML 8Page - OSRAM GmbH LCWG6CP-DAFA-4U9X Datasheet HTML 9Page - OSRAM GmbH LCWG6CP-DAFA-4U9X Datasheet HTML 10Page - OSRAM GmbH LCWG6CP-DAFA-4U9X Datasheet HTML 11Page - OSRAM GmbH LCWG6CP-DAFA-4U9X Datasheet HTML 12Page - OSRAM GmbH LCWG6CP-DAFA-4U9X Datasheet HTML 13Page - OSRAM GmbH LCWG6CP-DAFA-4U9X Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
2015-08-20
10
Version 1.2
LCW G6CP
Color Temperature 4000K 2) page 27
Farbtemperatur 4000K 2) Seite 27
8O
0.3969
0.3934
5Q
0.4061
0.3773
0.3996
0.4015
0.4095
0.3858
0.4067
0.3982
0.4147
0.3814
0.4097
0.4065
0.4185
0.3902
9O
0.3996
0.4015
6Q
0.4095
0.3858
0.4023
0.4096
0.4129
0.3944
0.4097
0.4065
0.4185
0.3902
0.4128
0.4148
0.4223
0.3989
4P
0.3945
0.3648
7Q
0.4129
0.3944
0.3975
0.3731
0.4164
0.4029
0.4027
0.3687
0.4223
0.3989
0.4061
0.3773
0.4261
0.4077
5P
0.3975
0.3731
8Q
0.4164
0.4029
0.4006
0.3815
0.4198
0.4115
0.4061
0.3773
0.4261
0.4077
0.4095
0.3858
0.4299
0.4165
6P
0.4006
0.3815
9Q
0.4198
0.4115
0.4036
0.3898
0.4232
0.4201
0.4095
0.3858
0.4299
0.4165
0.4129
0.3944
0.4337
0.4253
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
4L
0.3648
0.3479
7M
0.3799
0.3828
0.3670
0.3578
0.3826
0.3931
0.3719
0.3522
0.3885
0.3882
0.3746
0.3624
0.3916
0.3987
5L
0.3670
0.3578
8M
0.3826
0.3931
0.3692
0.3677
0.3853
0.4033
0.3746
0.3624
0.3916
0.3987
0.3773
0.3726
0.3947
0.4093
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy


Similar Part No. - LCWG6CP-DAFA-4U9X

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWG6CP OSRAM-LCWG6CP Datasheet
805Kb / 28P
   white SMT package, colorless clear silicone resin
More results

Similar Description - LCWG6CP-DAFA-4U9X

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
   Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
   Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
   Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
   Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
   Automotive Interior Lighting
LYT670 OSRAM-LYT670 Datasheet
443Kb / 19P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com