Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWH9GP-JZKY-4U9X-1 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCWH9GP-JZKY-4U9X-1
Description  SMD epoxy package with silicone lens
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWH9GP-JZKY-4U9X-1 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCWH9GP-JZKY-4U9X-1 Datasheet HTML 2Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 3Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 4Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 5Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 6Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 7Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 8Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 9Page - OSRAM GmbH LCWH9GP-JZKY-4U9X-1 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
2014-04-28
6
Version 2.0
LCW H9GP
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 27
Durchlassspannungsgruppen
3) Seite 27
Group
Luminous Flux
1) page 27
Luminous Flux
1) page 27
Luminous Intensity
5) page 27
Gruppe
Lichtstrom 1) Seite 27
Lichtstrom 1) Seite 27
Lichtstärke 5) Seite 27
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
JZ
61
71
32.3
KX
71
82
37.5
KY
82
97
43.9
KZ
97
112
51.2
LX
112
130
59.3
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
8E
2.75
3.00
8F
3.00
3.25
8G
3.25
3.50
8H
3.50
3.75


Similar Part No. - LCWH9GP-JZKY-4U9X-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWH9GP OSRAM-LCWH9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
More results

Similar Description - LCWH9GP-JZKY-4U9X-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KY-HAVPA1.22 OSRAM-KY-HAVPA1.22 Datasheet
851Kb / 21P
   SMD epoxy package with silicone lens
KRHAVPA1.22-VWAV-DQ OSRAM-KRHAVPA1.22-VWAV-DQ Datasheet
829Kb / 22P
   SMD epoxy package with silicone lens
LYH9GP-HZKY-36-1 OSRAM-LYH9GP-HZKY-36-1 Datasheet
689Kb / 21P
   SMD epoxy package with silicone lens
KTHAVPA1.12-BVCU-DJ18 OSRAM-KTHAVPA1.12-BVCU-DJ18 Datasheet
878Kb / 23P
   SMD epoxy package with silicone lens
LDH9GP-3T2U-35-1 OSRAM-LDH9GP-3T2U-35-1 Datasheet
725Kb / 21P
   SMD epoxy package with silicone lens
LCWH9GP OSRAM-LCWH9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
LCW-H9GP OSRAM-LCW-H9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
LUW-H9GP.CE OSRAM-LUW-H9GP.CE Datasheet
729Kb / 23P
   SMD epoxy package with silicone lens
KB-HAVPA1.12 OSRAM-KB-HAVPA1.12 Datasheet
858Kb / 22P
   SMD epoxy package with silicone lens
KBHAVPA1.12-UUVT-FKT1 OSRAM-KBHAVPA1.12-UUVT-FKT1 Datasheet
818Kb / 23P
   SMD epoxy package with silicone lens
LRH9GP-HZKX-1-1 OSRAM-LRH9GP-HZKX-1-1 Datasheet
613Kb / 21P
   SMD epoxy package with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com