Selected language     English  ▼


LM333K Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM333K
Description  3-Ampere Adjustable Negative Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

   
 6 page
background image
Typical Applications (Continued)
THERMAL REGULATION
When power is dissipated in an IC, a temperature gradient
occurs across the IC chip affecting the individual IC circuit
components. With an IC regulator, this gradient can be es-
pecially severe since the power dissipation is large. Thermal
regulation is the effect of these temperature gradients on
output voltage (in percentage output change) per watt of
power change in a specified time. Thermal regulation error is
independent of electrical regulation or temperature coeffi-
cient, and occurs within 5 ms to 50ms after a change in
power dissipation. Thermal regulation depends on IC layout
as well as electrical design. The thermal regulation of a
voltage regulator is defined as the percentage change of
V
OUT, per watt, within the first 10 ms after a step of power is
applied. The LM333’s specification is 0.01%/W, max.
In
Figure 1, a typical LM333’s output drifts only 2mV (or
0.02% of V
OUT = −10V) when a 20W pulse is applied for 10
ms. This performance is thus well inside the specification
limit of 0.01%/Wx20W = 0.2% max. When the 20W pulse is
ended, the thermal regulation again showsa2mV step as
the LM333 chip cools off. Note that the load regulation error
of about 1 mV (0.01%) is additional to the thermal regulation
error. In
Figure 2, when the 20W pulse is applied for 100 ms,
the output drifts only slightly beyond the drift in the first
10ms, and the thermal error stays well within 0.1% (10mV).
Adjustable Lab Voltage Regulator
DS009065-12
*The 10 µF capacitors are optional to improve ripple rejection.
Adjustable Current Regulator
DS009065-13
*0.5
Ω≤ R1 ≤ 24Ω
DS009065-14
FIGURE 1.
www.national.com
6




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OM13231.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703404 1 2 3 4 List of Unclassifed Manufacturers
LAS79HG5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 5 Semtech Corporation
LM1333-Ampere Adjustable Negative Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
OM7612ST1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR 1 2 3 4 List of Unclassifed Manufacturers
IP137A1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 Seme LAB
IP137MAHV-LCC40.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE 1 2 Seme LAB
KA3373-Terminal 1.5A Negative Adjustable Regulator 1 2 3 4 5 MoreFairchild Semiconductor
RH137Negative Adjustable Regulator 1 2 3 4 Linear Technology
OM1325SMMThree Terminal Precision Adjustable Negative Voltage Regulator In Hermetic Style Packages 1 2 3 4 List of Unclassifed Manufacturers
OM7654SMSURFACE MOUNT 1.5 AMP HIGH VOLTAGE POSITIVE AND NEGATIVE ADJUSTABLE REGULATOR 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl