Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1490356-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1-1490356-1
Description  Depress the upper release button located in the C?밾ead and slide the nest into place.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1490356-1 Datasheet(HTML) 4 Page - Tyco Electronics

  1-1490356-1 Datasheet HTML 1Page - Tyco Electronics 1-1490356-1 Datasheet HTML 2Page - Tyco Electronics 1-1490356-1 Datasheet HTML 3Page - Tyco Electronics 1-1490356-1 Datasheet HTML 4Page - Tyco Electronics 1-1490356-1 Datasheet HTML 5Page - Tyco Electronics 1-1490356-1 Datasheet HTML 6Page - Tyco Electronics 1-1490356-1 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
408-8704
Crimping Die Assemblies
Rev A
4 of 7
Tyco Electronics Corporation
Step-Down
Adapter
Splices with Step-Down Adapter
WIRE SIZE
(AWG)
STEP
CRIMPING
DIE
DIE AND
SPLICE
COLOR CODE
STEP-DOWN
ADAPTER
COLOR CODE
8 to 12-10
1490597-1
RED
Yellow
6to8
1490598-1
BLUE
Red
Figure 6
3. Insert stripped wire into the wire barrel of the
end of the splice to be crimped until the wire
bottoms against the wire stop within the splice.
Refer to Figure 3.
4. Remove crimping head latch pin, and open
yoke.
5. Place the splice in the stationary die. Grasp the
end of the splice to be crimped and point the
opposite end toward the top of the head yoke at
approximately a 30
_ angle. Rotate the end of the
splice to be crimped into the die. Position the edge
of the window indent against the locator. Refer to
Figure 5.
6. Holding the splice in place, close the yoke and
insert the latch pin.
Be sure that the latch pin is fully inserted, or
damage to the dies and tool or head will occur
when the tool is activated.
7. Holding the wire in place, activate tool or power
unit to complete first wire barrel crimp.
8. When crimp is completed, remove the latch pin,
open the yoke and remove splice.
If splice sticks in die after crimping, apply a
rocking action to the splice to remove it from the
die. Wipe light oil on dies to reduce sticking, or
use spray dry lubricant.
9. To crimp the other half of splice, reposition
uncrimped end of splice in the stationary die and
follow the same procedure used to crimp the first
half of splice.
10. Inspect the crimp according to Section 5.
5. CRIMP INSPECTION
Inspect crimped terminals and splices by checking the
features described in Figure 7. Use only the terminals
and splices that meet the conditions shown in the
“ACCEPT” column.
6. MAINTENANCE/INSPECTION
To avoid personal injury, ALWAYS release
hydraulic pressure to hose or control and
disconnect power unit from power supply before
performing maintenance or inspection procedure.
Each crimping die is thoroughly inspected before
packaging. Since there is a possibility of damage
during shipment, the crimping die should be inspected
immediately upon arrival at your facility.
Regular inspections should be performed by quality
control personnel. A record of scheduled inspections
should remain with the dies and/or be supplied to
supervisory personnel responsible for the dies.
Though recommendations call for at least one
inspection a month, the inspection frequency should
be based on the amount of use, ambient working
conditions, operator training and skill, and established
company standards.
6.1. Daily Maintenance
It is recommended that each operator of the dies be
made aware of—and responsible for—the following
steps of daily maintenance:
1. Remove dust, dirt, and other contaminants with
a clean brush, or a soft, lint–free cloth. Do NOT
use objects that could damage the dies.
2. Make certain the dies are protected with a THIN
coat of any good SAE 20 motor oil. Do not oil
excessively.
3. When the dies are not in use, mate them and
store in a clean, dry area.
6.2. Visual Inspection
1. Remove all lubrication and accumulated film by
immersing the dies in a suitable commercial
degreaser that will not affect paint or plastic
material.
2. Make sure all die components are in place. If
replacements are necessary, refer to the
replacement parts listed in Figure 10.
3. Check components for wear. Remove and
replace worn components.
CAUTION
!
NOTE
i
DANGER


Similar Part No. - 1-1490356-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1490356-1 TEC-1-1490356-1 Datasheet
519Kb / 10P
   Crimping Die Assemblies
More results

Similar Description - 1-1490356-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10266 MACOM-408-10266 Datasheet
373Kb / 6P
   Insert the shank of the nest into the yoke and tighten the set screw.
logo
Shoulder Electronics Li...
HDF1358F16 SHOULDER-HDF1358F16 Datasheet
107Kb / 5P
   Subject the device to 85??for 16 hours. Then release the filter into the room conditions
logo
Astec America, Inc
LPX120 ASTEC-LPX120 Datasheet
944Kb / 2P
   Place the insulator over the chassis as shown
NLP250CJ ASTEC-NLP250CJ Datasheet
388Kb / 2P
   Place the cover over the NLP250 as shown
logo
Artesyn Technologies
NLP250CJ ARTESYN-NLP250CJ Datasheet
423Kb / 2P
   Place the cover over the NLP250 as shown
logo
Zilog, Inc.
ZLP32300100KIT ZILOG-ZLP32300100KIT Datasheet
823Kb / 21P
   Release the device key. The LED is ON
logo
Astec America, Inc
LPX40 ASTEC-LPX40 Datasheet
356Kb / 2P
   Place the insulator over the chassis as shown
logo
TE Connectivity Ltd
408-8639 TEC-408-8639 Datasheet
28Kb / 1P
   Push the tool into the contact cavity on the locking lance side of the connector
logo
Surge Components
SPH2G331MND3045 SURGE-SPH2G331MND3045 Datasheet
263Kb / 2P
   The capacitor can be inserted into the PCB board
logo
Roithner LaserTechnik G...
GRP532-655 ROITHNER-GRP532-655 Datasheet
91Kb / 2P
   do not look into the path of the laser beam
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com