Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC132DG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74AC132DG
Description  Quad 2-Input NAND Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC132DG Datasheet(HTML) 5 Page - ON Semiconductor

  MC74AC132DG Datasheet HTML 1Page - ON Semiconductor MC74AC132DG Datasheet HTML 2Page - ON Semiconductor MC74AC132DG Datasheet HTML 3Page - ON Semiconductor MC74AC132DG Datasheet HTML 4Page - ON Semiconductor MC74AC132DG Datasheet HTML 5Page - ON Semiconductor MC74AC132DG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74AC132, MC74ACT132
www.onsemi.com
5
INPUT CHARACTERISTICS (unless otherwise specified)
Symbol
Parameter
VCC
(V)
74AC
74ACT
Unit
Test Conditions
Maximum Positive
Threshold
3.0
2.2
Vt +
4.5
3.2
2.0
V
TA = Worst Case
5.5
3.9
Minimum Negative
Threshold
3.0
0.5
Vt −
4.5
0.9
0.8
V
TA = Worst Case
5.5
1.1
3.0
1.2
Vh(max)
Maximum Hysteresis
4.5
1.4
1.2
V
TA = Worst Case
5.5
1.6
3.0
0.3
Vh(min)
Minimum Hysteresis
4.5
0.4
0.4
V
TA = Worst Case
5.5
0.5
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
30
pF
VCC = 5.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC74AC132DG
SOIC−14
(Pb−Free)
55 Units/Rail
MC74AC132DR2G
SOIC−14
(Pb−Free)
2500/Tape & Reel
MC74ACT132DG
SOIC−14
(Pb−Free)
55 Units/Rail
MC74ACT132DR2G
SOIC−14
(Pb−Free)
2500/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC74AC132DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC132DG ONSEMI-MC74AC132DG Datasheet
126Kb / 8P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
More results

Similar Description - MC74AC132DG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com