Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV74VHC1G01DFT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLV74VHC1G01DFT1G
Description  Single 2-Input NAND Gate with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV74VHC1G01DFT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NLV74VHC1G01DFT1G Datasheet HTML 1Page - ON Semiconductor NLV74VHC1G01DFT1G Datasheet HTML 2Page - ON Semiconductor NLV74VHC1G01DFT1G Datasheet HTML 3Page - ON Semiconductor NLV74VHC1G01DFT1G Datasheet HTML 4Page - ON Semiconductor NLV74VHC1G01DFT1G Datasheet HTML 5Page - ON Semiconductor NLV74VHC1G01DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHC1G01
www.onsemi.com
4
50%
50% VCC
tPZL
tPLZ
VOL +0.3 V
VCC
GND
HIGH
IMPEDANC
Y
A or B
RL
VCC − 7 V
OVT
VCC
A
B
Figure 4. Output Voltage Mismatch Application
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
VCC x 2
CL = 50 pF equivalent (Includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 5. Switching Waveforms
Figure 6. Test Circuit
E = (A
• B) + (C+D)
VCC
A
B
C
D
MC74VHC1G01
MC74VHC1G03
2.2 k
W
1
2
3
5
4
VCC
R
LED
VCC
A
B
3.3 V
1.5 V
GTL
220
W
MC74VHC1G01
A
B
Figure 7. Complex Boolean Functions
Figure 8. LED Driver
Figure 9. GTL Driver
ORDERING INFORMATION
Device
Package
Shipping
MC74VHC1G01DFT1G
SC−88A / SC70−5 / SOT−353
(Pb−Free)
3000 Units / Tape & Reel
NLV74VHC1G01DFT1G*
MC74VHC1G01DFT2G
MC74VHC1G01DTT1G
TSOP−5 / SOT23−5 / SC59−5
(Pb−Free)
3000 Units / Tape & Reel
NLV74VHC1G01DTT1G*
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - NLV74VHC1G01DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV74VHC1G01DFT1G ONSEMI-NLV74VHC1G01DFT1G Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
NLV74VHC1G01DFT1G ONSEMI-NLV74VHC1G01DFT1G Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
More results

Similar Description - NLV74VHC1G01DFT1G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38_017 TI1-SN74LVC1G38_017 Datasheet
1Mb / 34P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com