Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G01DFT2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHC1G01DFT2G
Description  Single 2-Input NAND Gate with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G01DFT2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHC1G01DFT2G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G01DFT2G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G01DFT2G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G01DFT2G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G01DFT2G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G01DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
December, 2016 − Rev. 16
1
Publication Order Number:
MC74VHC1G01/D
MC74VHC1G01
Single 2-Input NAND Gate
with Open Drain Output
The MC74VHC1G01 is an advanced high speed CMOS 2−input
NAND gate with an open drain output fabricated with silicon gate
CMOS technology.
The internal circuit is composed of multiple stages, including an
open drain output which provides the ability to set output switching
level. This allows the MC74VHC1G01 to be used to interface 5 V
circuits to circuits of any voltage between VCC and 7 V using an
external resistor and power supply.
The MC74VHC1G01 input structure provides protection when
voltages up to 7 V are applied, regardless of the supply voltage.
Features
High Speed: tPD = 3.7 ns (Typ) at VCC = 5 V
Low Internal Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 62
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
5
1
2
4
3
VCC
IN B
IN A
OUT Y
GND
IN A
IN B
OUT Y
&
OVT
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
www.onsemi.com
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
V0
= Device Code
M
= Date Code*
G
= Pb−Free Package
SC−88A / SOT−353 / SC−70
DF SUFFIX
CASE 419A
TSOP−5 / SOT−23 / SC−59
DT SUFFIX
CASE 483
V0 M
G
G
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
Z
Z
Z
L
Y
PIN ASSIGNMENT
1
2
3
GND
IN B
IN A
4
5VCC
OUT Y
(Note: Microdot may be in either location)
1
5
V0 M
G
G
*Date Code orientation and/or position may
vary depending upon manufacturing location.


Similar Part No. - MC74VHC1G01DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G01DFT2G ONSEMI-MC74VHC1G01DFT2G Datasheet
78Kb / 6P
   2-Input NAND Gate with Open Drain Output
June, 2005 ??Rev. 14
MC74VHC1G01DFT2G ONSEMI-MC74VHC1G01DFT2G Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G01DFT2G ONSEMI-MC74VHC1G01DFT2G Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
MC74VHC1G01DFT2G-L22038 ONSEMI-MC74VHC1G01DFT2G-L22038 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
More results

Similar Description - MC74VHC1G01DFT2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38_017 TI1-SN74LVC1G38_017 Datasheet
1Mb / 34P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com