Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74VHC1GT14DTT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # M74VHC1GT14DTT1G
Description  Schmitt-Trigger Inverter / CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT14DTT1G Datasheet(HTML) 3 Page - ON Semiconductor

  M74VHC1GT14DTT1G Datasheet HTML 1Page - ON Semiconductor M74VHC1GT14DTT1G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT14DTT1G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT14DTT1G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT14DTT1G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT14DTT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHC1GT14
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
TA = 25°C
TA ≤ 85°C
−55
≤ TA ≤ 125°C
Unit
(V)
Min
Typ
Max
Min
Max
Min
Max
VT+
Positive Threshold
Voltage
3.0
4.5
5.5
1.20
1.58
1.79
1.40
1.74
1.94
1.60
2.00
2.10
1.6
2.0
2.1
1.6
2.0
2.1
V
VT−
Negative Threshold
Voltage
3.0
4.5
5.5
0.35
0.5
0.6
0.76
1.01
1.13
0.93
1.18
1.29
0.35
0.5
0.6
0.35
0.5
0.6
V
VH
Hysteresis Voltage
3.0
4.5
5.5
0.30
0.40
0.50
0.64
0.73
0.81
1.20
1.40
1.60
0.30
0.40
0.50
1.20
1.40
1.60
0.30
0.40
0.50
1.20
1.40
1.60
V
VOH
Minimum High−Level
Output Voltage
VIN ≤ VT − Min
IOH = −50 mA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
1.9
2.9
4.4
V
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
V
VOL
Maximum Low−Level
Output Voltage
VIN ≥ VT + Max
IOL = 50 mA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
V
IIN
Maximum Input
Leakage Current
VIN = 5.5 V or GND
0 to
5.5
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
1.0
20
40
mA
ICCT
Quiescent Supply
Current
Input: VIN = 3.4 V
5.5
1.35
1.50
1.65
mA
IOPD
Output Leakage
Current
VOUT = 5.5 V
0.0
0.5
5.0
10
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
AC ELECTRICAL CHARACTERISTICS Cload = 50 pF, Input tr/tf = 3.0 ns
Symbol
Parameter
Test Conditions
TA = 25°C
TA ≤ 85°C
−55
≤ TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Maximum Propagation
Delay, A to Y
VCC = 3.3 ± 0.3 V CL = 15 pF
CL = 50 pF
7.0
8.4
12.8
16.3
1.0
1.0
15.0
18.5
1.0
1.0
17.0
20.5
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
CL = 50 pF
4.5
5.8
8.6
10.6
1.0
1.0
10.0
12.0
1.0
1.0
11.5
13.5
CIN
Maximum Input
Capacitance
5
10
10
10
pF
CPD
Power Dissipation Capacitance (Note 5)
Typical @ 25
°C, VCC = 5.0 V
pF
10
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - M74VHC1GT14DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M74VHC1GT14DTT1G ONSEMI-M74VHC1GT14DTT1G Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
M74VHC1GT14DTT1G ONSEMI-M74VHC1GT14DTT1G Datasheet
204Kb / 14P
   Single Schmitt-Trigger Inverter
November, 2018 ??Rev. 21
M74VHC1GT14DTT1G ONSEMI-M74VHC1GT14DTT1G Datasheet
452Kb / 15P
   Single Schmitt-Trigger Inverter
March, 2022 ??Rev. 26
More results

Similar Description - M74VHC1GT14DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14 Datasheet
186Kb / 8P
   Schmitt-Trigger Inverter/CMOS Logic Level Shifter
November, 1999 ??Rev. 1
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
logo
Leshan Radio Company
L74VHC1GT14 LRC-L74VHC1GT14 Datasheet
332Kb / 6P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT14 ETL-MC74VHC1GT14 Datasheet
577Kb / 4P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
Renesas Technology Corp
HD74LV1GT04A RENESAS-HD74LV1GT04A_15 Datasheet
138Kb / 9P
   Inverter / CMOS Logic Level Shifter
HD74LV1GT04A RENESAS-HD74LV1GT04A Datasheet
102Kb / 7P
   Inverter / CMOS Logic Level Shifter
HD74LV2GT14A RENESAS-HD74LV2GT14A_15 Datasheet
110Kb / 12P
   Triple Inverters with Schmitt-trigger Inputs /CMOS Logic Level Shifter
HD74LV2GT14A RENESAS-HD74LV2GT14A Datasheet
86Kb / 10P
   Triple Inverters with Schmitt-trigger Inputs / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
logo
Torex Semiconductor
XC74UL14AA TOREX-XC74UL14AA Datasheet
92Kb / 3P
   CMOS Schmitt Trigger Inverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com