Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV74VHC02DTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLV74VHC02DTR2G
Description  Quad 2-Input NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV74VHC02DTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NLV74VHC02DTR2G Datasheet HTML 1Page - ON Semiconductor NLV74VHC02DTR2G Datasheet HTML 2Page - ON Semiconductor NLV74VHC02DTR2G Datasheet HTML 3Page - ON Semiconductor NLV74VHC02DTR2G Datasheet HTML 4Page - ON Semiconductor NLV74VHC02DTR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
December, 2015 − Rev. 6
1
Publication Order Number:
MC74VHC02/D
MC74VHC02
Quad 2-Input NOR Gate
The MC74VHC02 is an advanced high speed CMOS 2−input NOR
gate fabricated with silicon gate CMOS technology. It achieves high
speed operation similar to equivalent Bipolar Schottky TTL while
maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output. The
inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V
systems to 3.0 V systems.
Features
High Speed: tPD = 3.6 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: ICC = 2 mA (Max) at TA = 25°C
High Noise Immunity: VNIH = VNIL = 28% VCC
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Designed for 2.0 V to 5.5 V Operating Range
Low Noise: VOLP = 0.8 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300mA
ESD Performance:
Human Body Model > 2000 V;
Machine Model > 200 V
Chip Complexity: 40 FETs or 10 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Figure 1. LOGIC DIAGRAM
1
Y1
2
A1
3
B1
Y4
Y = A + B
4
Y2
5
A2
6
B2
10
Y3
8
A3
9
B3
13
11
A4
12
B4
TSSOP−14
DT SUFFIX
CASE 948G
www.onsemi.com
1
VHC02G
AWLYWW
1
14
SOIC−14
D SUFFIX
CASE 751A
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
1
VHC
02
ALYW
G
G
1
14
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W
= Work Week
G or
G = Pb−Free Package
(Note: Microdot may be in either location)
FUNCTION TABLE
A
L
L
H
H
Inputs
Output
B
L
H
L
H
Y
H
L
L
L
11
12
13
14
8
9
10
5
4
3
2
1
7
6
Y3
A4
B4
Y4
VCC
A3
B3
Y2
B1
A1
Y1
GND
B2
A2
PIN ASSIGNMENT


Similar Part No. - NLV74VHC02DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV74VHC04DTR2G ONSEMI-NLV74VHC04DTR2G Datasheet
244Kb / 7P
   Hex Inverter
July, 2020 ??Rev. 7
NLV74VHC08DTRG ONSEMI-NLV74VHC08DTRG Datasheet
88Kb / 5P
   Quad 2-Input AND Gate
October, 2017 ??Rev. 11
More results

Similar Description - NLV74VHC02DTR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com