Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SZ32 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL17SZ32
Description  Single 2-Input OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ32 Datasheet(HTML) 1 Page - ON Semiconductor

  NL17SZ32 Datasheet HTML 1Page - ON Semiconductor NL17SZ32 Datasheet HTML 2Page - ON Semiconductor NL17SZ32 Datasheet HTML 3Page - ON Semiconductor NL17SZ32 Datasheet HTML 4Page - ON Semiconductor NL17SZ32 Datasheet HTML 5Page - ON Semiconductor NL17SZ32 Datasheet HTML 6Page - ON Semiconductor NL17SZ32 Datasheet HTML 7Page - ON Semiconductor NL17SZ32 Datasheet HTML 8Page - ON Semiconductor NL17SZ32 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2015 − Rev. 17
1
Publication Order Number:
NL17SZ32/D
NL17SZ32
Single 2-Input OR Gate
The NL17SZ32 is a single 2−input OR Gate in three tiny footprint
packages. The device performs much as LCX multi−gate products in
speed and drive. They should be used wherever the need for higher
speed and drive are needed.
Features
Tiny SOT−353, SOT−553 and SOT−953 Packages
2.4 ns TPD at 5.0 V (typ)
Source/Sink 24 mA at 3.0 V
Over−Voltage Tolerant Inputs
Pin For Pin with NC7SZ32P5X, TC7SZ32FU and TC7SZ32AFE
Chip Complexity: FETs = 20
Designed for 1.65 V to 5.5 V VCC Operation
These Devices are Pb−Free, Halogen Free, Beryllium Free and are
RoHS Compliant
Figure 1. Pinouts (Top View)
Figure 2. Logic Symbol
w1
Y
A
B
VCC
B
A
1
2
3
5
4
GND
Y
VCC
IN B
IN A
OUT Y
GND
1
2
3
4
5
SOT−353/SC70−5/
SC−88A
SOT−953
IN A
IN B
GND
1
2
3
NC
VCC
OUT Y
6
5
4
MARKING
DIAGRAMS
L4 M
G
G
SC−88A
(SC−70−5/SOT−353)
DF SUFFIX
CASE 419A
SOT−553
XV5 SUFFIX
CASE 463B
1
5
1
5
1
5
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
www.onsemi.com
L4 M
G
G
1
5
L4
= Specific Device Marking
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
SOT−953
CASE 527AE
3
= Specific Device Code
M
= Month Code
3M
1
UDFN6
1.0 x 1.0
CASE 517BX
(In Development)
T = Specific Device Code
M = Date Code
M
1
1
A
= Specific Device Code
M
= Date Code
M
UDFN6
1.45 x 1.0
CASE 517AQ
(In Development)


Similar Part No. - NL17SZ32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ32 ONSEMI-NL17SZ32 Datasheet
78Kb / 8P
   Single 2-Input OR Gate
February, 2003 - Rev. 2
NL17SZ32 ONSEMI-NL17SZ32 Datasheet
115Kb / 6P
   Single 2?묲nput OR Gate
March, 2006 ??Rev. 6
NL17SZ32 ONSEMI-NL17SZ32 Datasheet
190Kb / 13P
   Single 2-Input OR Gate
November, 2018 ??Rev. 18
NL17SZ32 ONSEMI-NL17SZ32 Datasheet
159Kb / 13P
   Single 2-Input OR Gate
June, 2022 - Rev. 21
NL17SZ32/D ONSEMI-NL17SZ32/D Datasheet
78Kb / 8P
   Single 2-Input OR Gate
February, 2003 - Rev. 2
More results

Similar Description - NL17SZ32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
   Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
   SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
   SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
   Single 2-Input OR Gate
November, 2015 ??Rev. 0
MC74HC1G32 ONSEMI-MC74HC1G32_16 Datasheet
81Kb / 6P
   Single 2-Input OR Gate
February, 2016 ??Rev. 14
logo
Rohm
BU4S71G2 ROHM-BU4S71G2_15 Datasheet
1Mb / 16P
   Single 2-Input OR Gate
logo
Nexperia B.V. All right...
74LVC1G32-Q100 NEXPERIA-74LVC1G32-Q100 Datasheet
217Kb / 12P
   Single 2-input OR gate
Rev. 6 - 18 January 2022
logo
ON Semiconductor
MC74VHC1G32 ONSEMI-MC74VHC1G32_13 Datasheet
122Kb / 6P
   Single 2-Input OR Gate
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com