Part Name
         Description
2SC5716

 TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type ( 5 Page)


TOSHIBA
100% 
Zoom Out Zoom In
   
 4 page
background image
2SC5716
2001-11-27
4
Collector-emitter voltage VCE (V)
Safe Operating Area
Case temperature Tc (°C)
PC – Tc
rth (j-c) – tw
Pulse width tw (s)
0
0
100
20
40
60
80
25
50
75
100
125
150
175
Infinite heat sink
Tc
= 25°C (infinite heat sink)
Curves should be applied in thermal limited area.
(single nonrepetitive pulse)
10
0.001
10
m
0.01
0.1
1
100
m
1 m
10 m
100 m
1
10
100
1000
100
0.01
1
10
100
1000
0.1
1
10
IC max
(continuous)
1 ms*
IC max (pulsed)
10 ms*
100 ms*
100
ms*
10
ms*
DC operation
Tc
= 25°C
VCEO
max
*: Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated linearly with
increase in temperature.
1  2  3  4  5 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC5748TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type 1 2 3 4 5 Toshiba Semiconductor
2SD2638TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type 1 2 3 4 5 Toshiba Semiconductor
2SC5859TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE 1 2 3 4 5 Toshiba Semiconductor
2SC5748TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type 1 2 3 4 5 MoreToshiba Semiconductor
2SD993NPN TRIPLE DIFFUSED MESA TYPE SILICON TRANSISTOR FOR H-DEFLECTION OUTPUT 1 Sanyo Semicon Device
2SD995NPN TRIPLE DIFFUSED MESA TYPE SILICON TRANSISTOR FOR H-DEFLECTION OUTPUT WITH HIGH VOLTAGE 1 Sanyo Semicon Device
2SC2552TOSHIBA Transistor Silicon NPN Triple Diffused Type PCT Process 1 2 Toshiba Semiconductor
MP4513TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type Darlington power transistor 4 in 1 1 2 3 4 5 MoreToshiba Semiconductor
2SC5279TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE 1 2 3 Toshiba Semiconductor
2SD904NPN TRIPLE DIFFUSED MESA TYPE SILICON TRANSISTOR FOR HORIZONTAL DEFLECTION OUTPUT 1 Sanyo Semicon Device

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl