Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLU1GT14 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLU1GT14
Description  Single Schmitt-Trigger Inverter, TTL Level
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT14 Datasheet(HTML) 1 Page - ON Semiconductor

  NLU1GT14 Datasheet HTML 1Page - ON Semiconductor NLU1GT14 Datasheet HTML 2Page - ON Semiconductor NLU1GT14 Datasheet HTML 3Page - ON Semiconductor NLU1GT14 Datasheet HTML 4Page - ON Semiconductor NLU1GT14 Datasheet HTML 5Page - ON Semiconductor NLU1GT14 Datasheet HTML 6Page - ON Semiconductor NLU1GT14 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 5
1
Publication Order Number:
NLU1GT14/D
NLU1GT14
Single Schmitt-Trigger
Inverter, TTL Level
LSTTL−Compatible Inputs
The NLU1GT14 MiniGate
t is an advanced high−speed CMOS
Schmitt−trigger inverter in ultra−small footprint.
The device input is compatible with TTL−type input thresholds and
the output has a full 5 V CMOS level output swing.
The NLU1GT14 input and output structures provide protection
when voltages up to 7 V are applied, regardless of the supply voltage.
The NLU1GT14 can be used to enhance noise immunity or to
square up slowly changing waveforms.
Features
High Speed: tPD = 4.5 ns (Typ) @ VCC = 5.0 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
TTL−Compatible Input: VIL = 0.8 V; VIH = 2.0 V
CMOS−Compatible Output:
VOH > 0.8 VCC; VOL < 0.1 VCC @ Load
Power Down Protection Provided on inputs
Balanced Propagation Delays
Overvoltage Tolerant (OVT) Input and Output Pins
Ultra−Small Packages
These are Pb−Free Devices
IN A
OUT Y
1
VCC
NC
IN A
OUT Y
GND
1
2
3
5
4
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
6
NC
FUNCTION TABLE
L
H
AY
H
L
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5NC
OUT Y
6VCC
MARKING
DIAGRAMS
M
= Device Marking
M
= Date Code
www.onsemi.com
See detailed ordering and shipping information on page 4 of
this data sheet.
ORDERING INFORMATION
MM
1
UDFN6
MU SUFFIX
CASE 517AA
UDFN6
1.45 x 1.0
CASE 517AQ
UDFN6
1.0 x 1.0
CASE 517BX
1
Q M
1
T M


Similar Part No. - NLU1GT14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT14AMX1TCG ONSEMI-NLU1GT14AMX1TCG Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT14BMX1TCG ONSEMI-NLU1GT14BMX1TCG Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT14CMX1TCG ONSEMI-NLU1GT14CMX1TCG Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT14MUTCG ONSEMI-NLU1GT14MUTCG Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
More results

Similar Description - NLU1GT14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com