Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLU1GT14 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLU1GT14
Description  Single Schmitt-Trigger Inverter, TTL Level
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT14 Datasheet(HTML) 3 Page - ON Semiconductor

  NLU1GT14 Datasheet HTML 1Page - ON Semiconductor NLU1GT14 Datasheet HTML 2Page - ON Semiconductor NLU1GT14 Datasheet HTML 3Page - ON Semiconductor NLU1GT14 Datasheet HTML 4Page - ON Semiconductor NLU1GT14 Datasheet HTML 5Page - ON Semiconductor NLU1GT14 Datasheet HTML 6Page - ON Semiconductor NLU1GT14 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NLU1GT14
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 25 5C
TA = +855C
TA = −555C
to +1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
VT+
Positive Threshold
Voltage
3.0
4.5
5.5
1.20
1.58
1.79
1.40
1.74
1.94
1.60
2.00
2.10
1.6
2.0
2.0
1.6
2.0
2.0
V
VT−
Negative Threshold
Voltage
3.0
4.5
5.5
0.35
0.5
0.6
0.76
1.01
1.13
0.93
1.18
1.29
0.35
0.5
0.6
0.35
0.5
0.6
V
VH
Hysteresis Voltage
3.0
4.5
5.5
0.30
0.40
0.50
0.64
0.73
0.81
1.20
1.40
1.60
0.30
0.40
0.50
1.20
1.40
1.60
0.30
0.40
0.50
1.20
1.40
1.60
V
VOH
Minimum High−Level
Output Voltage
VIN v VT−MIN
IOH = −50 mA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
1.9
2.9
4.4
V
VIN v VT−MIN
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
VOL
Maximum Low−Level
Output Voltage
VIN w VT+MAX
IOL = 50 mA
2.0
3.0
4.5
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN w VT+MAX
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
IIN
Input Leakage Current
0 v VIN v 5.5 V
0 to
5.5
±0.1
±1.0
±1.0
mA
ICC
Quiescent Supply
Current
VIN = 5.5 V or
GND
5.5
1.0
20
40
mA
ICCT
Quiescent Supply
Current
VIN = 3.4 V
5.5
1.35
1.50
1.65
mA
IOPD
Output Leakage Current
VOUT = 5.5 V
0.0
0.5
5.0
10
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 25 5C
TA = +855C
TA = −555C to
+1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Propagation Delay,
Input A to Output Y
3.0 to
3.6
CL = 15 pF
7.0
12.8
1.0
15.0
1.0
17.0
ns
CL = 50 pF
8.4
16.3
1.0
18.5
1.0
20.5
4.5 to
5.5
CL = 15 pF
4.5
8.6
1.0
10.0
1.0
11.5
CL = 50 pF
5.8
10.6
1.0
12.0
1.0
13.5
CIN
Input Capacitance
5
10
10
10.0
pF
CPD
Power Dissipation
Capacitance
(Note 6)
5.0
10.0
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no−load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.


Similar Part No. - NLU1GT14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT14AMX1TCG ONSEMI-NLU1GT14AMX1TCG Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT14BMX1TCG ONSEMI-NLU1GT14BMX1TCG Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT14CMX1TCG ONSEMI-NLU1GT14CMX1TCG Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT14MUTCG ONSEMI-NLU1GT14MUTCG Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
More results

Similar Description - NLU1GT14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com