Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLX1G57 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLX1G57
Description  Configurable Multifunction Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX1G57 Datasheet(HTML) 8 Page - ON Semiconductor

  NLX1G57_16 Datasheet HTML 1Page - ON Semiconductor NLX1G57_16 Datasheet HTML 2Page - ON Semiconductor NLX1G57_16 Datasheet HTML 3Page - ON Semiconductor NLX1G57_16 Datasheet HTML 4Page - ON Semiconductor NLX1G57_16 Datasheet HTML 5Page - ON Semiconductor NLX1G57_16 Datasheet HTML 6Page - ON Semiconductor NLX1G57_16 Datasheet HTML 7Page - ON Semiconductor NLX1G57_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NLX1G57
www.onsemi.com
8
PACKAGE DIMENSIONS
UDFN6 1.0x1.0, 0.35P
CASE 517BX
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.20 MM FROM TERMINAL TIP.
4. PACKAGE DIMENSIONS EXCLUSIVE OF
BURRS AND MOLD FLASH.
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
RECOMMENDED
DIM
MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.13 REF
b
0.12
0.22
D
1.00 BSC
E
1.00 BSC
e
0.35 BSC
L
0.25
0.35
L1
0.30
0.40
A B
E
D
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
A
A1
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
2X
2X
A3
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
5X
NOTE 3
L1
1
3
4
6
M
M
DIMENSIONS: MILLIMETERS
0.22
5X
0.48
6X
1.18
0.53
PITCH
0.35
1
PKG
OUTLINE
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NLX1G57/D
MiniGate is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NLX1G57_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G57AMX1TCG ONSEMI-NLX1G57AMX1TCG Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G57BMX1TCG ONSEMI-NLX1G57BMX1TCG Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G57CMX1TCG ONSEMI-NLX1G57CMX1TCG Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
More results

Similar Description - NLX1G57_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G58 ONSEMI-NLX1G58 Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G99 ONSEMI-NLX1G99_16 Datasheet
115Kb / 15P
   Configurable Multifunction Gate
June, 2016 ??Rev. 6
NL7SZ98 ONSEMI-NL7SZ98_V01 Datasheet
331Kb / 13P
   Configurable Multifunction Gate
October, 2020 - Rev. 6
NL7SZ97 ONSEMI-NL7SZ97_14 Datasheet
81Kb / 8P
   Configurable Multifunction Gate
July, 2014 ??Rev. 4
NL7SZ57 ONSEMI-NL7SZ57 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
June, 2009 ??Rev. 2
NL7SZ97 ONSEMI-NL7SZ97 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 3
NL7SZ98 ONSEMI-NL7SZ98 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 2
NL7SZ58 ONSEMI-NL7SZ58_V01 Datasheet
322Kb / 13P
   Configurable Multifunction Gate
October, 2020 ??Rev. 5
NLX1G97 ONSEMI-NLX1G97 Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G98 ONSEMI-NLX1G98 Datasheet
109Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G99 ONSEMI-NLX1G99_18 Datasheet
158Kb / 15P
   Configurable Multifunction Gate
November, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com