Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLX2G04BMX1TCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLX2G04BMX1TCG
Description  Dual Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G04BMX1TCG Datasheet(HTML) 4 Page - ON Semiconductor

  NLX2G04BMX1TCG Datasheet HTML 1Page - ON Semiconductor NLX2G04BMX1TCG Datasheet HTML 2Page - ON Semiconductor NLX2G04BMX1TCG Datasheet HTML 3Page - ON Semiconductor NLX2G04BMX1TCG Datasheet HTML 4Page - ON Semiconductor NLX2G04BMX1TCG Datasheet HTML 5Page - ON Semiconductor NLX2G04BMX1TCG Datasheet HTML 6Page - ON Semiconductor NLX2G04BMX1TCG Datasheet HTML 7Page - ON Semiconductor NLX2G04BMX1TCG Datasheet HTML 8Page - ON Semiconductor NLX2G04BMX1TCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NLX2G04
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 nS)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 255C
TA = −555C
to +125
5C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Propagation Delay, Input A to Output Y
1.65
RL = 1 MW,
CL = 15 pF
1.8
2.3
9.2
1.8
11
ns
1.8
RL = 1 MW,
CL = 15 pF
1.8
4.4
7.6
1.2
8.4
2.3−2.7
RL = 1 MW,
CL = 15 pF
1.2
3.0
5.1
1.2
5.6
3.0−3.6
RL = 1 MW,
CL = 15 pF
0.8
2.2
3.4
0.8
3.8
RL = 500 W,
CL = 50 pF
1.2
2.9
4.5
1.2
5.0
4.5−5.5
RL = 1 MW,
CL = 15 pF
0.5
1.8
2.8
0.5
3.1
RL = 500 W,
CL = 50 pF
0.8
2.3
3.6
0.8
4.0
CIN
Input Capacitance
5.5
VIN = 0 V or VCC
2.5
pF
CPD
Power Dissipation Capacitance (Note 3)
3.3
5.5
10 MHz
VIN = 0 V or VCC
9
11
pF
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no−load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.


Similar Part No. - NLX2G04BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G04BMX1TCG ONSEMI-NLX2G04BMX1TCG Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
More results

Similar Description - NLX2G04BMX1TCG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
NXP Semiconductors
74HC2G04 NXP-74HC2G04 Datasheet
79Kb / 14P
   Dual inverter
Rev. 01-15 November 2006
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com