Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9912 Datasheet(PDF) 7 Page - Microchip Technology

Part # HV9912
Description  Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9912 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HV9912 Datasheet HTML 3Page - Microchip Technology HV9912 Datasheet HTML 4Page - Microchip Technology HV9912 Datasheet HTML 5Page - Microchip Technology HV9912 Datasheet HTML 6Page - Microchip Technology HV9912 Datasheet HTML 7Page - Microchip Technology HV9912 Datasheet HTML 8Page - Microchip Technology HV9912 Datasheet HTML 9Page - Microchip Technology HV9912 Datasheet HTML 10Page - Microchip Technology HV9912 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005583A-page 7
HV9912
2.0
PIN DESCRIPTION
Table 2-1 shows the pin description details of HV9912.
TABLE 2-1:
PIN DESCRIPTION TABLE
Pin Number
Name
Description
1
VIN
This pin is the input of a 90V high-voltage regulator.
2
VDD
This is a power supply pin for all internal circuits. It must be bypassed with a
low-ESR capacitor to GND (at least 0.1 µF).
3
GATE
This pin is the output gate driver for an external N-channel power MOSFET.
4
GND
This is the ground return for all the low-power analog internal circuitry. This pin must
be connected to the return path from the input.
5
CS
This pin is used to sense the source current of the external power FET. It includes a
built-in 100 ns (minimum) blanking time.
6
SC
This pin is used to set the slope compensation.
7
RT
This pin sets the frequency of the power circuit. A resistor between RT and GND will
program the circuit in Constant Frequency mode.
8
SYNC
This I/O pin may be connected to the SYNC pin of other HV9912 circuits and will
cause the oscillators to lock to the highest frequency oscillator.
9
CLIM
This pin provides a programmable input current limit for the converter. The current
limit can be set using a resistor divider from the REF pin.
10
REF
This pin provides 2% accurate reference voltage. It must be bypassed with a
0.01 μF–0.1 μF capacitor to GND.
11
FAULT
This pin is pulled to ground when there is an Output Short-circuit condition or Output
Overvoltage condition. This pin can be used to drive an external MOSFET (in the
case of boost converters) to disconnect the load from the source.
12
OVP
This pin provides the overvoltage protection for the converter. When the voltage at
this pin exceeds 5V, the GATE output of the HV9912 is turned off, and the FAULT
goes low. The IC will turn on when the voltage at the pin goes below 4.5V.
13
PWMD
When this pin is pulled to GND (or left open), switching of the HV9912 is disabled.
When an external TTL high level is applied to it, switching will resume.
14
COMP
Stable Closed-loop control can be accomplished by connecting a compensation net-
work between COMP and GND. This capacitor also controls the hiccup time.
15
IREF
The voltage at this pin sets the output current level. The current reference can be set
using a resistor divider from the REF pin.
16
FDBK
This pin provides output current feedback to the HV9912 by using a current sense
resistor.


Similar Part No. - HV9912

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
HV9912NG-G SUTEX-HV9912NG-G Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
More results

Similar Description - HV9912

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
   LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
Arch Electronics Corp.
BR120 ARCH-BR120 Datasheet
286Kb / 3P
   Over Current Protection (Hiccup Mode)
BR240 ARCH-BR240 Datasheet
274Kb / 3P
   Over Current Protection (Hiccup Mode)
BR400 ARCH-BR400 Datasheet
293Kb / 3P
   Over Current Protection (Hiccup Mode)
BRH100 ARCH-BRH100 Datasheet
384Kb / 4P
   Over Current Protection (Hiccup Mode)
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
   Automotive LED Driver IC with High Current Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com