Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3352 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3352
Description  Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3352 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3352 Datasheet HTML 1Page - National Semiconductor (TI) LM3352 Datasheet HTML 2Page - National Semiconductor (TI) LM3352 Datasheet HTML 3Page - National Semiconductor (TI) LM3352 Datasheet HTML 4Page - National Semiconductor (TI) LM3352 Datasheet HTML 5Page - National Semiconductor (TI) LM3352 Datasheet HTML 6Page - National Semiconductor (TI) LM3352 Datasheet HTML 7Page - National Semiconductor (TI) LM3352 Datasheet HTML 8Page - National Semiconductor (TI) LM3352 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Typical Performance Characteristics Unless otherwise specified T
A = 25˚C. (Continued)
V
OUT vs. VIN
DS101037-8
V
OUT vs. VIN
DS101037-9
V
OUT vs. VIN
DS101037-10
V
OUT vs. VIN
DS101037-11
V
OUT vs. VIN
DS101037-12
Load Transient Response
DS101037-14
www.national.com
5


Similar Part No. - LM3352

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM335 NSC-LM335 Datasheet
291Kb / 14P
   Precision Temperature Sensors
logo
STMicroelectronics
LM335 STMICROELECTRONICS-LM335 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
LM335 STMICROELECTRONICS-LM335 Datasheet
574Kb / 16P
   Precision temperature sensors
logo
National Semiconductor ...
LM335 NSC-LM335 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
Texas Instruments
LM335 TI-LM335 Datasheet
1Mb / 28P
[Old version datasheet]   LMx35, LMx35A Precision Temperature Sensors
More results

Similar Description - LM3352

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM3354-37 NSC-LM3354-37 Datasheet
356Kb / 11P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
   SWITCHED CAPACITOR DC-DC CONVERTER
logo
Analog Devices
ADP3607 AD-ADP3607 Datasheet
146Kb / 8P
   50 mA Switched Capacitor Voltage Boost with Regulated Output
REV. 0
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com