Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9861A Datasheet(PDF) 2 Page - Microchip Technology

Part # HV9861A
Description  LED Driver with Average-Mode Constant Current Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9861A Datasheet(HTML) 2 Page - Microchip Technology

  HV9861A Datasheet HTML 1Page - Microchip Technology HV9861A Datasheet HTML 2Page - Microchip Technology HV9861A Datasheet HTML 3Page - Microchip Technology HV9861A Datasheet HTML 4Page - Microchip Technology HV9861A Datasheet HTML 5Page - Microchip Technology HV9861A Datasheet HTML 6Page - Microchip Technology HV9861A Datasheet HTML 7Page - Microchip Technology HV9861A Datasheet HTML 8Page - Microchip Technology HV9861A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HV9861A
DS20005333A-page 2
 2014 Microchip Technology Inc.
Package Types
Typical Application Circuit
8-Lead SOIC
16-Lead SOIC
VIN
CS
GND
GATE
RT
LD
VDD
PWMD
VIN
NC
NC
CS
GND
NC
NC
GATE
NC
NC
RT
LD
VDD
NC
NC
PWMD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
8
7
6
5
See Table 2-1 for pin information
PWMD
VDD
LD
GATE
CS
RT
VIN
HV9861A
15VDC to
450VDC
Sets
LED
Current
LED
Load
GND
R
CS
R
T


Similar Part No. - HV9861A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9861A SUTEX-HV9861A Datasheet
865Kb / 9P
   LED Driver with Average-Mode, Constant Current Control
HV9861ALG-G SUTEX-HV9861ALG-G Datasheet
865Kb / 9P
   LED Driver with Average-Mode, Constant Current Control
HV9861ANG-G SUTEX-HV9861ANG-G Datasheet
865Kb / 9P
   LED Driver with Average-Mode, Constant Current Control
More results

Similar Description - HV9861A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9861A SUTEX-HV9861A Datasheet
865Kb / 9P
   LED Driver with Average-Mode, Constant Current Control
logo
First Silicon Co., Ltd
FC9961C FS-FC9961C Datasheet
334Kb / 7P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961NG-G SUTEX-HV9961NG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
Feeling Technology Corp...
FP7176 FEELING-FP7176 Datasheet
443Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
logo
Feeling Technology Corp...
FP7189 FEELING-FP7189 Datasheet
410Kb / 13P
   LED Driver with Average-Mode Constant Current Control
FP7175 FEELING-FP7175 Datasheet
404Kb / 14P
   LED Driver with Average-Mode Constant Current Control
FP7179 FEELING-FP7179 Datasheet
426Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961LG-G SUTEX-HV9961LG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
First Silicon Co., Ltd
FC9961 FS-FC9961 Datasheet
365Kb / 7P
   LED Driver with Average-Mode Constant Current Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com