Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8020.5071.PT Datasheet(PDF) 3 Page - Schurter Inc.

Part # 8020.5071.PT
Description  Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

8020.5071.PT Datasheet(HTML) 3 Page - Schurter Inc.

  8020.5071.PT Datasheet HTML 1Page - Schurter Inc. 8020.5071.PT Datasheet HTML 2Page - Schurter Inc. 8020.5071.PT Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
SHF 6.3x32 Pigtail
www.schurter.com /PG01_2
Fuses
Rated Current [A]
Rated Voltage
[VAC]
Rated Voltage
[VDC]
Breaking Capacity Voltage Drop 1.0 In
max. [mV]
Power Dissipation
1.5 In max. [mW]
Melting I²t 10.0
Intyp. [A²s]
Order Number
10 kA @ 125 VAC, cos
φ = 0.7 - 0.8
1500 A @ 400 VDC
20 kA @ 63 VDC
Packaging Unit
Bulk (1000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 8020.5071.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
8020.5071.PT SCHURTER-8020.5071.PT Datasheet
266Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity ??500 A
04.01.2022
More results

Similar Description - 8020.5071.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SHF6.3X32PIGTAIL SCHURTER-SHF6.3X32PIGTAIL Datasheet
258Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
6.3X32PIGTAIL SCHURTER-6.3X32PIGTAIL_V01 Datasheet
266Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity ??500 A
04.01.2022
SHF6.3X32 SCHURTER-SHF6.3X32 Datasheet
258Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 440 - 500 VAC, 63 - 500 VDC 1-32 A, High Breaking Capacity up to 1500 A
SHT6.3X32 SCHURTER-SHT6.3X32 Datasheet
278Kb / 3P
   Cartridge Fuse, 6.3x32 mm, 400 - 500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 1500 A
SHT6.3X32PIGTAIL SCHURTER-SHT6.3X32PIGTAIL Datasheet
317Kb / 4P
   Axial Lead Fuse, 6.3x32 mm, 500 VAC, 400 VDC, 1-10 A, High Breaking Capacity up to 3500 A
04.01.2022
SHT6.3X32 SCHURTER-SHT6.3X32_V02 Datasheet
327Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
product selected for their own applications.
SHF6.3X32 SCHURTER-SHF6.3X32_V01 Datasheet
313Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 500 VAC, 500 VDC 0.5 A-32 A, High Breaking Capacity ??1500 A
04.01.2022
SHT6.3X32 SCHURTER-SHT6.3X32_V01 Datasheet
300Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
17.08.2020
SHT6.3X32 SCHURTER-SHT6.3X32_18 Datasheet
313Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
8020.5068 SCHURTER-8020.5068 Datasheet
271Kb / 3P
   Cartridge Fuse, 6.3x32 mm, 500 VAC, 1-8A, High Breaking Capacity of 1500 A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com