Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8020.0515.PT Datasheet(PDF) 1 Page - Schurter Inc.

Part # 8020.0515.PT
Description  Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

8020.0515.PT Datasheet(HTML) 1 Page - Schurter Inc.

  8020.0515.PT Datasheet HTML 1Page - Schurter Inc. 8020.0515.PT Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Non resettable fuses
SPT 3.6x10
www.schurter.com /PG01_2
Fuses
Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
IEC 60127-3 · 250VAC · Time-Lag T
Description
- Ceramic Tube
- IEC Standard Miniature Fuse
Standards
- IEC 60127-3/4
- UL 248-14
- CSA C22.2 no. 248.14
Approvals
- VDE Certificate Number: 40015228
- UL File Number: E184831
Applications
- Digital Consumer Electronics
- Power supplies
References
Packaging Details
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
250 VAC
Rated current
0.1 - 5 A
Breaking Capacity
35 A - 40 A
Characteristic
Time-Lag T
Mounting
PCB,THT
Admissible Ambient Air Temp. -20 °C to 70 °C
Material: Tube
Ceramic
Material: Endcaps
Nickel-Plated Brass
Material: Axial Leads
Tin-Plated Copper
Unit Weight
0.6 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Rated current, Rated Voltage, Cha-
racteristic, Approvals
Soldering Methods
Wave, Iron
Soldering Profile
Solderability
235 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 1A
Dimension
11 mm
max.11.0 40
40
max.
max.
Pre-Arcing Time
Rated Current In
2.1 x In max. 2.75 x In min. 2.75 x In max. 4.0 x In min.
4.0 x In max. 10.0 x In min. 10.0 x In max.
0.1 A - 5 A
120 s
400 ms
10 s
150 ms
3 s
20 ms
150 ms


Similar Part No. - 8020.0515.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
8020.0515.xx SCHURTER-8020.0515.xx Datasheet
340Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
More results

Similar Description - 8020.0515.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
80200504 SCHURTER-80200504 Datasheet
340Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
SPT3.6X10 SCHURTER-SPT3.6X10 Datasheet
254Kb / 3P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
MSTU250 SCHURTER-MSTU250_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
00347103 SCHURTER-00347103 Datasheet
471Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
00346914 SCHURTER-00346914 Datasheet
516Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_V01 Datasheet
394Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com