Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8020.0515.PT Datasheet(PDF) 2 Page - Schurter Inc.

Part # 8020.0515.PT
Description  Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

8020.0515.PT Datasheet(HTML) 2 Page - Schurter Inc.

  8020.0515.PT Datasheet HTML 1Page - Schurter Inc. 8020.0515.PT Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
SPT 3.6x10
www.schurter.com /PG01_2
Fuses
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.1
250
1)
350
300
170
0.08
l
l
8020.0504.PT
0.125
250
1)
300
255
180
0.15
l
l
8020.0505.PT
0.2
250
1)
260
200
200
0.4
l
l
8020.0507.PT
0.25
250
1)
240
160
220
0.2
l
l
8020.0508.PT
0.315
250
1)
220
150
250
0.75
l
l
8020.0509.PT
0.4
250
1)
200
110
280
0.45
l
l
l
8020.0510.PT
0.5
250
1)
190
140
310
2.6
l
l
l
8020.0511.PT
0.63
250
1)
180
120
360
5
l
l
l
8020.0512.PT
0.8
250
1)
160
80
430
7.5
l
l
l
8020.0513.PT
1
250
1)
140
120
500
11
l
l
l
8020.0514.PT
1.25
250
1)
130
70
600
5
l
8020.0515.PT
1.6
250
1)
120
90
730
17.5
l
8020.0516.PT
2
250
1)
100
80
870
32
l
l
l
8020.0517.PT
2.5
250
1)
100
75
1000
66
l
8020.0518.PT
3.15
250
1)
100
80
1200
131
l
l
l
8020.0519.PT
4
250
2)
100
70
1400
120
l
l
l
8020.0520.PT
5
250
2)
100
70
-
250
l
l
l
8020.0521.PT
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) 35 A @ 250 VAC
2) 40 A @ 250 VAC
Packaging Unit
.xx = .PT Bulk (1000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 8020.0515.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
8020.0515.xx SCHURTER-8020.0515.xx Datasheet
340Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
More results

Similar Description - 8020.0515.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
80200504 SCHURTER-80200504 Datasheet
340Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
SPT3.6X10 SCHURTER-SPT3.6X10 Datasheet
254Kb / 3P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
MSTU250 SCHURTER-MSTU250_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
00347103 SCHURTER-00347103 Datasheet
471Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
00346914 SCHURTER-00346914 Datasheet
516Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_V01 Datasheet
394Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com