Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4305.0048.28 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4305.0048.28
Description  Voltage Selector Insert to KE, CE, KG, CG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4305.0048.28 Datasheet(HTML) 2 Page - Schurter Inc.

  4305.0048.28 Datasheet HTML 1Page - Schurter Inc. 4305.0048.28 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

Power entry modules without line filter
Voltage Selectors Insert 
www.schurter.com/pg05
Connectors
Voltage Selector Inserts
Switch position
System No.
Voltage marking, switch position
Order Number


3
4
1
-
-
-
-
-
4305.0048.00
1
1
100
120
220
240
4305.0048.01
1
3
130
110
240
220
4305.0048.02
1
2
110
-
-
220
4305.0048.03
1
3
-
110
240
220
4305.0048.04
1
2
115
-
-
230
4305.0048.05
1
1
130
110
240
220
4305.0048.08
1
2
120
-
-
240
4305.0048.09
1
1
100
115
-
230
4305.0048.10
1
2
230
-
-
110
4305.0048.11
1
1
240
230
220
200
4305.0048.15
1
4
-
115
230
-
4305.0048.17
1
1
-
110
220
-
4305.0048.18
1
1
100
120
230
240
4305.0048.20
1
1
110
130
230
250
4305.0048.21
1
2
4305.0048.22
1
-
110
115
215
230
4305.0048.23
1
-
100 V
115 V
215 V
230 V
4305.0048.24
1
2
100
-
-
200
4305.0048.25
1
-
4305.0048.28
1
-
100
120
220
230
4305.0048.30
2
-
-
-
-
-
4305.0050.00
2
3
130
110
240
220
4305.0050.02
2
3
-
110
240
220
4305.0050.04
2
3
150
110
-
220
4305.0050.06
2
3
-
-
-
-
4305.0050.26
2
-
100
120
220
-
4305.0050.30
3
-
-
-
-
-
4305.0049.00
3
4
4305.0049.07
3
4
-
115
230
-
4305.0049.17
3
1
-
-
-
-
4305.0049.18
3
4
4305.0049.19
Packaging unit
50Pcs
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsanamendments.


Similar Part No. - 4305.0048.28

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4305.0001 SCHURTER-4305.0001 Datasheet
162Kb / 1P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4305.0001 SCHURTER-4305.0001 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
4305.0001 SCHURTER-4305.0001 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
4305.0001 SCHURTER-4305.0001 Datasheet
206Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
04.01.2022
4305.0006 SCHURTER-4305.0006 Datasheet
162Kb / 1P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
More results

Similar Description - 4305.0048.28

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
VOLTAGESELECTORSINSERT1 SCHURTER-VOLTAGESELECTORSINSERT1 Datasheet
213Kb / 3P
   Voltage selector inserts for power entry modules, types KE, CE, KG, CG
ACCESSORIES SCHURTER-ACCESSORIES Datasheet
200Kb / 7P
   Voltage selector inserts for Power Entry Modules, types KE, CE, KG, CG
logo
List of Unclassifed Man...
KE-210 ETC-KE-210 Datasheet
665Kb / 3P
   KE-210
logo
Coolgear Inc.
CG-POEIJVV COOLGEAR-CG-POEIJVV Datasheet
364Kb / 1P
   CG-POEiJVV
5/03/2023
logo
Lapp.
10383400 LAPP-10383400 Datasheet
127Kb / 2P
   EPIC® MCS 10 CG / MCB 10 CG
31.03.2021
10383600 LAPP-10383600 Datasheet
134Kb / 2P
   EPIC® MCS 20 CG / MCB 20 CG
17.09.2018
logo
Coolgear Inc.
CG-PCIEPCIX4 COOLGEAR-CG-PCIEPCIX4 Datasheet
544Kb / 2P
    CG-PCIEPCIX4
logo
Schurter Inc.
FUSEDRAWER2 SCHURTER-FUSEDRAWER2 Datasheet
336Kb / 5P
   Fusedrawer f체r Fuse Links 5x20 mm, with or without Voltage Selector Insert
FUSEDRAWER2 SCHURTER-FUSEDRAWER2_V02 Datasheet
371Kb / 6P
   Fusedrawer for Fuse Links 5x20 mm, with or without Voltage Selector Insert
04.01.2022
FUSEDRAWER2 SCHURTER-FUSEDRAWER2_V01 Datasheet
371Kb / 6P
   Fusedrawer for Fuse Links 5x20 mm, with or without Voltage Selector Insert
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com