Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS1061 Datasheet(PDF) 1 Page - Schurter Inc.

Part # PS1061
Description  PS 1061 Test Probe, 2 mm, 10 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PS1061 Datasheet(HTML) 1 Page - Schurter Inc.

  PS1061 Datasheet HTML 1Page - Schurter Inc. PS1061 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Test Jacks & Probes
PS 1061
www.schurter.com /PG08
Appliance inlet
PS 1061 Test Probe, Ø 2 mm, 10 A
Description
- Test Probe
- diameter 2.0 mm
Weblinks
pdf-datasheet, html-datasheet, General Product Information, RoHS,
CHINA-RoHS, REACH, Distributor-Stock-Check, Accessories, Detailed
request for product
Technical Data
Diameter
2 mm
Rated current
10 A
Allowable Operation Temp.
-25 °C to 70 °C
Resistance to Soldering Heat
260 °C / 5 sec acc. to IEC 60068-2-
20 , Test Tb, method 1A
Weight
0.5 g
Material: Housing
Thermoplastic (PC), UL 94V-2
Surface of contacts
gold plated , Thickness 1.0 µm
Dimensions
14.2
4.8
All Variants
Product group
Color
Order Number
Test Probe
red
0040.1062
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.
com/Stock-Check/Stock-Check-SCHURTER
Packaging unit
100 Pcs


Similar Part No. - PS1061

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PS1061 SCHURTER-PS1061 Datasheet
218Kb / 2P
   PS 1061 Test Probe, 횠 2 mm, 10 A
04.01.2022
PS1061 SCHURTER-PS1061_V01 Datasheet
218Kb / 2P
   PS 1061 Test Probe, 횠 2 mm, 10 A
04.01.2022
More results

Similar Description - PS1061

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PS1061 SCHURTER-PS1061_V01 Datasheet
218Kb / 2P
   PS 1061 Test Probe, 횠 2 mm, 10 A
04.01.2022
PS1161 SCHURTER-PS1161 Datasheet
274Kb / 2P
   PS 1161 Test Probe, 2 mm, 6.3 A
PS1161 SCHURTER-PS1161_V01 Datasheet
286Kb / 2P
   PS 1161 Test Probe, 횠 2 mm, 6.3 A
04.01.2022
logo
Tyco Electronics
582118 MACOM-582118 Datasheet
122Kb / 1P
   ASSEMBLY, TEST PROBE
logo
Schurter Inc.
PB1101 SCHURTER-PB1101 Datasheet
222Kb / 2P
   PB 1101 Test Jack, PCB Mounting, 횠 2 mm, 10 A
PB1011 SCHURTER-PB1011_V01 Datasheet
274Kb / 2P
   PB 1011 Test Jack, PCB Mounting, 횠 2 mm, 10 A
PB1111 SCHURTER-PB1111 Datasheet
223Kb / 2P
   PB 1111 Test Jack, PCB Mounting, 횠 2 mm, 10 A
PB1011 SCHURTER-PB1011_V02 Datasheet
274Kb / 2P
   PB 1011 Test Jack, PCB Mounting, 횠 2 mm, 10 A
04.01.2022
logo
Pomona Electronics
5144 POMONA-5144 Datasheet
30Kb / 1P
   SMD Test Probe
logo
Schurter Inc.
PB1101 SCHURTER-PB1101_V01 Datasheet
221Kb / 2P
   PB 1101 Test Jack, PCB Mounting, 횠 2 mm, 10 A
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com