Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2030.0023 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 2030.0023
Description  Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2030.0023 Datasheet(HTML) 2 Page - Schurter Inc.

  2030.0023 Datasheet HTML 1Page - Schurter Inc. 2030.0023 Datasheet HTML 2Page - Schurter Inc. 2030.0023 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Telecom Fuses
MSU 125
www.schurter.com /PG01_3
Fuses
Pre-Arcing Time
Rated Current In
1.5 x In max.
2.0 x In max. 2.75 x In max. 4.0 x In max. 10.0 x In max.
0.25 A - 3.15 A
10 min
5 s
300 ms
30 ms
4 ms
[Kennlinien]
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.0 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
GR-1089-
CORE [A]
UL60950
ITU - Light-
ning Surge
[A]
ITU -
Power
Induc-
ITU - Power
Contact [A]
S L T Order Number
0.25
125
125
620
100
0.0055
< 1.5
l
4.5
l
300.0 l
2030.0013
0.315
125
125
680
200
0.025
< 1.5
l
5.6
l
300.0 l
2030.0014
0.4
125
125
180
100
0.013
1.6
l
5.9
l
300.0 l
2030.0015
0.5
125
125
180
100
0.02
2.4
l
6.4
l
300.0 l
2030.0016
0.63
125
125
180
100
0.045
2.7
l
7.2
l
300.0 l
2030.0017
0.71
125
125
140
100
0.045
2.9
l
7.8
l
300.0 l
2030.0018
0.75
125
125
170
100
0.02
3.0
l
8.5
l
300.0 l
2030.0019
0.8
125
125
150
100
0.04
5.0
l
11
l
300.0 l
2030.0020
1
125
125
150
100
0.07
6.0
l
16
l
300.0 l
2030.0021
1.25
125
125
150
200
0.12
9.3
l
21
l
300.0 l
2030.0022
1.6
125
125
150
200
0.29
> 14.0
l
35
l
300.0 l
2030.0023
2
125
125
130
200
0.43
> 14.0
l
38
l
300.0 l
2030.0024
2.5
125
125
120
300
0.6
> 14.0
l
57
l
300.0 l
2030.0025
3.15
125
125
120
400
1.11
> 14.0
l
65
l
300.0 l
2030.0026
0.25
125
125
620
100
0.0055
< 1.5
l
4.5
l
300.0
l
2030.0243
0.315
125
125
680
200
0.025
< 1.5
l
5.6
l
300.0
l
2030.0244
0.4
125
125
180
100
0.013
1.6
l
5.9
l
300.0
l
2030.0245
0.5
125
125
180
100
0.02
2.4
l
6.4
l
300.0
l
2030.0246
0.63
125
125
180
100
0.045
2.7
l
7.2
l
300.0
l
2030.0247
0.71
125
125
140
100
0.045
2.9
l
7.8
l
300.0
l
2030.0248
0.75
125
125
170
100
0.02
3.0
l
8.5
l
300.0
l
2030.0249


Similar Part No. - 2030.0023

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2030.0023 SCHURTER-2030.0023 Datasheet
448Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
More results

Similar Description - 2030.0023

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
20300013 SCHURTER-20300013 Datasheet
448Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_V01 Datasheet
291Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
04.10.2018
MSU125 SCHURTER-MSU125_18 Datasheet
282Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSF SCHURTER-MSF Datasheet
505Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125_18 Datasheet
296Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125_V02 Datasheet
306Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
MSF125 SCHURTER-MSF125 Datasheet
267Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF250 SCHURTER-MSF250_18 Datasheet
311Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
FRT250F SCHURTER-FRT250F_18 Datasheet
267Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
MSF250 SCHURTER-MSF250 Datasheet
305Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com