Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2030.0243 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 2030.0243
Description  Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2030.0243 Datasheet(HTML) 3 Page - Schurter Inc.

  2030.0243 Datasheet HTML 1Page - Schurter Inc. 2030.0243 Datasheet HTML 2Page - Schurter Inc. 2030.0243 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Telecom Fuses
MSU 125
www.schurter.com /PG01_3
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.0 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
GR-1089-
CORE [A]
UL60950
ITU - Light-
ning Surge
[A]
ITU -
Power
Induc-
ITU - Power
Contact [A]
S L T Order Number
0.8
125
125
150
100
0.04
5.0
l
11
l
300.0
l
2030.0250
1
125
125
150
100
0.07
6.0
l
16
l
300.0
l
2030.0251
1.25
125
125
150
200
0.12
9.3
l
21
l
300.0
l
2030.0252
1.6
125
125
150
200
0.29
> 14.0
l
35
l
300.0
l
2030.0253
2
125
125
130
200
0.43
> 14.0
l
38
l
300.0
l
2030.0254
2.5
125
125
120
300
0.6
> 14.0
l
57
l
300.0
l
2030.0255
3.15
125
125
120
400
1.11
> 14.0
l
65
l
300.0
l
2030.0256
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
S =
Plastic Bag (100 pcs.)
L =
Bulk (100 pcs.)
T =
Taped 36 cm Reel (1000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 2030.0243

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2030.0243 SCHURTER-2030.0243 Datasheet
448Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
More results

Similar Description - 2030.0243

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
20300013 SCHURTER-20300013 Datasheet
448Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_V01 Datasheet
291Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
04.10.2018
MSU125 SCHURTER-MSU125_18 Datasheet
282Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSF SCHURTER-MSF Datasheet
505Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125_18 Datasheet
296Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125_V02 Datasheet
306Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
MSF125 SCHURTER-MSF125 Datasheet
267Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF250 SCHURTER-MSF250_18 Datasheet
311Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
FRT250F SCHURTER-FRT250F_18 Datasheet
267Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
MSF250 SCHURTER-MSF250 Datasheet
305Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com