Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA45-2RU Datasheet(PDF) 4 Page - Schurter Inc.

Part # TA45-2RU
Description  Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-2RU Datasheet(HTML) 4 Page - Schurter Inc.

  TA45-2RU Datasheet HTML 1Page - Schurter Inc. TA45-2RU Datasheet HTML 2Page - Schurter Inc. TA45-2RU Datasheet HTML 3Page - Schurter Inc. TA45-2RU Datasheet HTML 4Page - Schurter Inc. TA45-2RU Datasheet HTML 5Page - Schurter Inc. TA45-2RU Datasheet HTML 6Page - Schurter Inc. TA45-2RU Datasheet HTML 7Page - Schurter Inc. TA45-2RU Datasheet HTML 8Page - Schurter Inc. TA45-2RU Datasheet HTML 9Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Thermal (T- and TA-Line)
TA45-2RU
www.schurter.com /PG17_20
Circuit Breakers
Cut-out and pin-out
Cut-out snap-in type
b
a
b
1.0
44,5...45,0
1.5
44,5...45,0
2.0
44,7...45,2
2.5
44,7...45,2
3.0
44,8...45,3
4.0
44,9...45,4
5.0
45,0...45,5
1)
2)
1) Assemble
2) edge must be sharp
Pin-out
P2
4
b
P1
3
5
a
6
c
U-Relais


Similar Part No. - TA45-2RU

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA45-2RA SCHURTER-TA45-2RA Datasheet
525Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
More results

Similar Description - TA45-2RU

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-2PU SCHURTER-TA45-2PU Datasheet
663Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with undervoltage
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com