Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4430.1328 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4430.1328
Description  Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4430.1328 Datasheet(HTML) 1 Page - Schurter Inc.

  4430.1328 Datasheet HTML 1Page - Schurter Inc. 4430.1328 Datasheet HTML 2Page - Schurter Inc. 4430.1328 Datasheet HTML 3Page - Schurter Inc. 4430.1328 Datasheet HTML 4Page - Schurter Inc. 4430.1328 Datasheet HTML 5Page - Schurter Inc. 4430.1328 Datasheet HTML 6Page - Schurter Inc. 4430.1328 Datasheet HTML 7Page - Schurter Inc. 4430.1328 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Thermal (T- and TA-Line)
TA45-2R
www.schurter.com /PG17_20
Circuit Breakers
Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
Description
- Thermal circuit breaker
- 1 or 2 pole thermal overload protection
- Positively trip-free release
- High configurability
- Rocker non-illuminated or illuminated
- Snap-in version
- Quick connect terminal 6.3 x 0.8 mm or screw clamp terminal M3.5 x
6 mm (lineside P1, P2)
Approvals
- Approval Reference Type: TA45
- IEC Standard: IEC 60934
- UL Standard: UL 1077
- CSA Standard: CSA C22.2 No. 235
- GB Standard: GB 17701
Applications
- Power tools
- Industrial appliances
- Power supplies
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Distributor-
Stock-Check, Detailed request for product, Product News
Technical Data
Rated Voltage AC
240 V
Rated Voltage DC
60 V
Rated current range AC
0.05 - 20 A
Conditional short circuit ca-
pacity
IEC: Inc, PC1, AC 240 V: 1 kA
Degree of Protection
from front side IP 40 acc. to IEC 60529
Dielectric Strength
4 kVAC
Insulation resistance
500 VDC > 100 M
Ω
Endurance typical
mechanical: 50'000 switching cycles
AC: 1 x Ir:
50'000 switching cycles
DC: 1 x Ir:
50'000 switching cycles
Overload
AC: min. 40 trips
@ 6 x Ir
DC: min. 40 trips
@ 4 x Ir
Ambient temperature
-10 °C to 55 °C
Vibration Resistance
± 0.75 mm @ 5 - 60 Hz
acc. to IEC 60068-2-6, test Fc
10 G @ 60 - 500 Hz
acc. to IEC 60068-2-6, test Fc
Shock Resistance
30 G / 18 ms
acc. to IEC 60068-2-27, test Ea
Tripping Type
Thermal
Actuation type
Rocker
Weight
30 - 35 g
Dimension
Quick connect terminal
5.3
26.7
8.4
23.7
44.1
a
P1
3
5
48
10.8
21.5
25
16
A)
A) Quick connect terminal, IEC 61210, A6.3-0.8 mm
Screw clamp terminal
a
P1
3
5
10.8
10.8
B)
B) Screw type M3, 5x6 (Philips Form H), maximum torque 1 Nm


Similar Part No. - 4430.1328

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4430.1564 SCHURTER-4430.1564 Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
4430.1625 SCHURTER-4430.1625 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
More results

Similar Description - 4430.1328

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2RA SCHURTER-TA45-2RA Datasheet
525Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com