Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2030.0249 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 2030.0249
Description  Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2030.0249 Datasheet(HTML) 1 Page - Schurter Inc.

  2030.0249 Datasheet HTML 1Page - Schurter Inc. 2030.0249 Datasheet HTML 2Page - Schurter Inc. 2030.0249 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Telecom Fuses
MSU 125
www.schurter.com /PG01_3
Fuses
Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
UL 248-14 · 125VAC · 125VDC · Quick-Acting F
Description
- Directly solderable on printed circuit boards
Standards
- IEC 60127-3/1
- UL 248-14
- CSA C22.2 no. 248.14
- Telcordia GR-1089
- UL 60950 / IEC 60950
- ITU-T K.20 and K.21
- TIA-968-A
Approvals
- UL File Number: E41599
- CSA File Number: 51172
Applications
- xDSL and ADSL linecards and modems
References
Packaging Details
Corresponding Fuseholder FME; FMR; FMS (125V)
Last order date: 31.12.2016
We recommend for new applications the type MSF 125
MSF 125 is fully compatible to MSU 125
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
125 VAC, 125 VDC
Rated current
0.25 - 3.15 A
Breaking Capacity
100 A
Characteristic
Quick-Acting F
Mounting
PCB,THT
Admissible Ambient Air Temp. -25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
Material: Housing
Thermoplastic, UL 94V-0
Material: Terminals
Tin-Plated Copper
Unit Weight
0.34 g
Storage Conditions
0 °C to 40 °C, max. 70% r.h.
Product Marking
, Type, Rated current, Rated Voltage,
Characteristic, Approvals
Soldering Methods
Wave, Iron
Soldering Profile
Solderability
235 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb
Current Carrying Capacity
acc. to EIA/IS-722, Test 4.3.3
Life Test
MIL-STD-202, Method 108A
(1000h @ 0.42*In @ 70°C)
Terminal Strength
MIL-STD-202, Method 211A
(Deflection of board 1 mm for 1 minute)
Case Resistance
acc. to EIA/IS-722, Test 4.7
>100 M
Ω (between leeds and body)
Mechanical Shock
MIL-STD-202, Method 213B
(Shock 50g, half sine wave, 11 ms)
Vibration, High Frequency
MIL-STD-202, Method 204D
Shock 20 gn, 20 min, 10-2 kHz, 12 cyc.
Resistance to Solvents
MIL-STD-202, Method 215A
Flammability
UL 94V-0
(acc. to EIA/IS-722, Test 4.12)
Dimension
6.4 mm
ø 0.62
1.8
2.54
ø 6.4
ø 0.62
1.8
2.54
ø 6.4
1
+0.1
0
2.54
Drilling diagram


Similar Part No. - 2030.0249

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2030.0249 SCHURTER-2030.0249 Datasheet
448Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
More results

Similar Description - 2030.0249

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
20300013 SCHURTER-20300013 Datasheet
448Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_V01 Datasheet
291Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
04.10.2018
MSU125 SCHURTER-MSU125_18 Datasheet
282Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSF SCHURTER-MSF Datasheet
505Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125_18 Datasheet
296Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125_V02 Datasheet
306Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
MSF125 SCHURTER-MSF125 Datasheet
267Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF250 SCHURTER-MSF250_18 Datasheet
311Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
FRT250F SCHURTER-FRT250F_18 Datasheet
267Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
MSF250 SCHURTER-MSF250 Datasheet
305Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com