Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACMV-0402-5R5-C800 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ACMV-0402-5R5-C800
Description  SMD Multilayer Chip Varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACMV-0402-5R5-C800 Datasheet(HTML) 2 Page - Abracon Corporation

  ACMV-0402-5R5-C800 Datasheet HTML 1Page - Abracon Corporation ACMV-0402-5R5-C800 Datasheet HTML 2Page - Abracon Corporation ACMV-0402-5R5-C800 Datasheet HTML 3Page - Abracon Corporation ACMV-0402-5R5-C800 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Multilayer Chip Varistor
AMCV-0402
1.0 x 0.5 x 0.5 mm
.
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 11.30.12
Visit
www.abracon.com for Terms & Conditions of Sale
ISO 9001:2008
OPTIONS AND PART IDENTIFICATION:
Recommended Land Pattern
Dimension: mm
OUTLINE DIMENSION:
Items
Test Methods and Remarks
Varistor Voltage at 1mA DC (VB)
Measuring current: 1mA DC
Duration: 0.2 to 2 sec
Capacitance (C)
Measure source: 0.5 VRMS
Test frequency: 1MHz.
Leakage Current (IL)
Measuring voltage: Maximum DC working voltage
Clamping Voltage (VC)
Measuring source: 8/20us waveform, ESD waveform
AMCV-0402-
- C
-
Capacitance Code
Please refer to the
table above
Tolerance
N=±30%
Y=+100, -50%
G=+0%, -60%
Packaging
T: Tape and Reel
(10kpcs / reel)
Voltage Code
Please refer to the
table above
Test Conditions
Unless otherwise specified, the standard atmospheric conditions for measurement/test as:
a. Ambient Temperature: 20±15˚C
b. Relative Humidity: 65±20%
c. Air Pressure: 86 kPa to 106 kPa
L
W
T
a
1.0±0.15
[0.039±0.006]
0.5±0.15
[0.020±0.006]
0.5±0.15
[0.020±0.006]
0.25±0.1
[0.010±0.004]
A
B
C
0.45
∼0.55
0.40
∼0.50
0.45
∼0.55


Similar Part No. - ACMV-0402-5R5-C800

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMV-0402-5R5-C800 ABRACON-ACMV-0402-5R5-C800 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
ACMV-0402-5R5-C800 ABRACON-ACMV-0402-5R5-C800 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results

Similar Description - ACMV-0402-5R5-C800

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402-180 ABRACON-AMCV-0402-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1206H ABRACON-AMCV-1206H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.22.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603-180 ABRACON-AMCV-0603-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H-140-T ABRACON-AMCV-1210H-140-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1812H ABRACON-AMCV-1812H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com