Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJ-150C Datasheet(PDF) 3 Page - Abracon Corporation

Part # ARJ-150C
Description  RJ45 1000 Base-T / Dual USB Combo Jack, w/ LEDs, Ext Temp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ-150C Datasheet(HTML) 3 Page - Abracon Corporation

  ARJ-150C Datasheet HTML 1Page - Abracon Corporation ARJ-150C Datasheet HTML 2Page - Abracon Corporation ARJ-150C Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
|
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
RoHS
Compliant
PACKING: 44pcs/tray
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 06.30.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
Peak temperature(Tp) time : 5sec max
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated,
Automotive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application
requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
Packaging
40pcs/tray
Packaging Material: PET
Outer carton unit (optional): 640 pcs/16 trays/box
Dimensions: cm
18.85 x 27.40 x 30.52mm
RJ45 1000 Base-T / Dual USB Combo Jack, w/ LEDs, Ext Temp
ARJ-150C


Similar Part No. - ARJ-150C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ-150A ABRACON-ARJ-150A Datasheet
3Mb / 3P
   RJ45 1000 Base-T / Dual USB Combo Jack, w/ LEDs, Ext Temp
06.30.15
ARJ-150B ABRACON-ARJ-150B Datasheet
3Mb / 3P
   RJ45 10/100 Base-T / Dual USB Combo Jack, w/ LEDs, Ext Temp
06.30.15
More results

Similar Description - ARJ-150C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ-150A ABRACON-ARJ-150A Datasheet
3Mb / 3P
   RJ45 1000 Base-T / Dual USB Combo Jack, w/ LEDs, Ext Temp
06.30.15
ARJ-150B ABRACON-ARJ-150B Datasheet
3Mb / 3P
   RJ45 10/100 Base-T / Dual USB Combo Jack, w/ LEDs, Ext Temp
06.30.15
ARJ-169 ABRACON-ARJ-169 Datasheet
4Mb / 3P
   RJ45 10/100 Base-T / 1 X USB Combo, w/ LEDs, Ext Temp
07.01.15
ARJ-139 ABRACON-ARJ-139 Datasheet
3Mb / 3P
   RJ45 1000 Base-T Single Port, PoE, w/ LEDs, Extend Temp
07.01.15
ARJ-199 ABRACON-ARJ-199 Datasheet
3Mb / 3P
   RJ45 10/100 Base-T Single Port, PoE, w/ LEDs, Ext Temp
10.20.15
ARJ-196 ABRACON-ARJ-196 Datasheet
3Mb / 3P
   Gigabit RJ45 with 1 x USB Combo, w/ LEDs, Ext Temp
08.11.16
ARJ-205 ABRACON-ARJ-205 Datasheet
3Mb / 3P
   RJ45 1000 Base-T, Single Port w/ LEDs, Extended Temperature
07.01.15
ARJU31B-MCSN-A ABRACON-ARJU31B-MCSN-A Datasheet
9Mb / 8P
   RJ45 Jack with 10/100/1000 Base-TX Magnetic/Dual USB Combo
09.27.12
ARJU31B ABRACON-ARJU31B Datasheet
9Mb / 8P
   RJ45 Jack with 10/100/1000 Base-TX Magnetic/Dual USB Combo
09.27.12
ARJU31B-MCSO-A ABRACON-ARJU31B-MCSO-A Datasheet
9Mb / 8P
   RJ45 Jack with 10/100/1000 Base-TX Magnetic/Dual USB Combo
09.27.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com