Selected language     English  ▼


LM3352MTCX-2.5 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM3352MTCX-2.5
Description  Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 9 page
background image
Filter Capacitor Selection (Continued)
iii) C
FIL
A 1 µF, XR7 ceramic capacitor should be connected to pin
C
FIL. This capacitor provides the filtering needed for the in-
ternal supply rail of the LM3352.
Of the different capacitor technologies, a sample of vendors
that have been verified as suitable for use with the LM3352
are shown in
Table 2.
TABLE 2. Capacitor Vendor Information
Manufacturer
Tel
Fax
Website
Ceramic
Taiyo-yuden
(408) 573-4150
(408) 573-4159
www.t-yuden.com
AVX
(803) 448-9411
(803) 448-1943
www.avxcorp.com
Tantalum
Sprague/Vishay
(207) 324-4140
(207) 324-7223
www.vishay.com
Nichicon
(847) 843-7500
(847) 843-2798
www.nichicon.com
Polymer Electrolytic
Cornell-Dubilier (ESRD)
(508) 996-8561
(508) 996-3830
www.cornell-dubilier.com
Sanyo (POSCAP)
(619) 661-6322
(619) 661-1055
www.sanyovideo.com
Maximum Available Output Current
The LM3352 cannot provide 200 mA under all V
IN and VOUT
conditions. The V
OUT vs VIN graphs in the Typical Perfor-
mance Characteristics section show the minimum V
IN at
which the LM3352 is capable of providing different load cur-
rents while maintaining V
OUT regulation. Refer to the Electri-
cal Characteristics for guaranteed conditions.
Maximum Load Under Start-Up
Due to the LM3352’s unique start-up sequence, it is not able
to start up under all load conditions. Starting with 45 mA or
less will allow the part to start correctly under any tempera-
ture or input voltage conditions. After the output is in regula-
tion, any load up to the maximum as specified in the Electri-
cal Characteristics may be applied. Using a Power On Reset
circuit, such as the LP3470, is recommended if greater start
up loads are expected. Under certain conditions the LM3352
can start up with greater load currents without the use of a
Power On Reset Circuit (
See application note AN-1144:
Maximizing Startup Loads with the LM3352 Regulated
Buck/Boost Switched Capacitor Converter).
Thermal Protection
During output short circuit conditions, the LM3352 will draw
high currents causing a rise in the junction temperature.
On-chip thermal protection circuitry disables the charge
pump action once the junction temperature exceeds the
thermal trip point, and re-enables the charge pump when the
junction temperature falls back to a safe operating point.
Typical Application Circuits
DS101037-33
FIGURE 2. Basic Buck/Boost Regulator
www.national.com
9




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM3355Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3354Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
ADP3604Switched Capacitor Voltage Converter with Regulated Output 1 2 3 4 5 MoreAnalog Devices
LM2750Low Noise 5.0V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM27603.3V Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3354-37Regulated 90mA Buck-Boost Switched Capacitor DC/DC 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2685Dual Output Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2686Regulated Switched Capacitor Voltage Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2687Low Noise Regulated Switched Capacitor Voltage 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2751Regulated 2X 1.5X Switched Capacitor White LED Driver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl