Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJ-202B Datasheet(PDF) 2 Page - Abracon Corporation

Part # ARJ-202B
Description  RJ45 1000Base-T, 1X2, Tab Up w/ LEDs (Green, Green), Extended Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ-202B Datasheet(HTML) 2 Page - Abracon Corporation

  ARJ-202B Datasheet HTML 1Page - Abracon Corporation ARJ-202B Datasheet HTML 2Page - Abracon Corporation ARJ-202B Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MECHANICAL DIMENSIONS
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 07.07.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
DIP WAVE SOLDERING PROFILE
ARJ-202B
31.20 x 13.55 x 25.45mm
RoHS/RoHS II Compliant
Recommended Land Pattern
Peak temperature(Tp) : 265oC
Peak temperature(Tp) time : 3sec max
Dimensions: mm
RJ45 1000Base-T, 1X2, Tab Up w/ LEDs (Green, Green),
Extended Temperature


Similar Part No. - ARJ-202B

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ-202 ABRACON-ARJ-202 Datasheet
3Mb / 3P
   RJ45 1000Base-T, 1X2, Tap Up w/ LEDs (Green/Yellow, Green), Extended Temperature
07.23.15
ARJ-202A ABRACON-ARJ-202A Datasheet
3Mb / 3P
   RJ45 1000Base-T, 1X2, Tab Up w/ LEDs (Green, Green), Extended Temperature
07.23.15
ARJ-202C ABRACON-ARJ-202C Datasheet
3Mb / 3P
   RJ45 1000Base-T, 1X2, Tab Up w/ LEDs (Green, Green), Extended Temperature
07.23.15
More results

Similar Description - ARJ-202B

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ-202A ABRACON-ARJ-202A Datasheet
3Mb / 3P
   RJ45 1000Base-T, 1X2, Tab Up w/ LEDs (Green, Green), Extended Temperature
07.23.15
ARJ-202C ABRACON-ARJ-202C Datasheet
3Mb / 3P
   RJ45 1000Base-T, 1X2, Tab Up w/ LEDs (Green, Green), Extended Temperature
07.23.15
ARJ-202 ABRACON-ARJ-202 Datasheet
3Mb / 3P
   RJ45 1000Base-T, 1X2, Tap Up w/ LEDs (Green/Yellow, Green), Extended Temperature
07.23.15
ARJ-205 ABRACON-ARJ-205 Datasheet
3Mb / 3P
   RJ45 1000 Base-T, Single Port w/ LEDs, Extended Temperature
07.01.15
ARJ-148 ABRACON-ARJ-148 Datasheet
3Mb / 3P
   Vertical RJ45 1000 Base-T Single Port, w/ LEDs, Extended Temperature
07.23.15
logo
XFMRS Inc.
XFATM2ZA-CTXU1-4M XFMRS-XFATM2ZA-CTXU1-4M Datasheet
253Kb / 2P
   TAB UP COMBO W/LEDS
XFATM2ZA-CTXU1-4M XFMRS-XFATM2ZA-CTXU1-4M Datasheet
253Kb / 2P
   TAB UP COMBO W/LEDS
XFGIG8-CTGXU2-4M XFMRS-XFGIG8-CTGXU2-4M Datasheet
82Kb / 2P
   1X2 TAB UP COMBO SERIES
logo
WAGO Kontakttechnik Gmb...
852-1106-010-000 WAGO-852-1106-010-000 Datasheet
619Kb / 6P
   Industrial-Switch; 16 Ports 1000Base-T; Extended temperature range
logo
VITALCONN ELECTRONICS H...
J11SG0113DLA0 VITALCONN-J11SG0113DLA0 Datasheet
945Kb / 3P
   TAB-UP 1X1 1000BASE
REV: A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com