Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX92211LUA-AAA-000-BU Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX92211LUA-AAA-000-BU
Description  3-Wire Hall Effect Latch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92211LUA-AAA-000-BU Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX92211LUA-AAA-000-BU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MLX92211-AxA
3-Wire Hall Effect Latch
390109221101
Page 7 of 13
Datasheet
Rev. 007
www.melexis.com
Jan/15
8 Performance Graphs
8.1 Magnetic parameters vs. TA
8.2 Magnetic parameters vs. VDD
8.3 VDSon vs. TA
8.4 VDSon vs. VDD
8.5 IDD vs. TA
8.6 IDD vs. VDD
-6
-3
0
3
6
-40
-20
0
20
40
60
80
100
120
140
160
TA (
oC)
Bop, Vdd= 2.7V
Bop, Vdd= 24V
Brp, Vdd= 24V
Brp, Vdd= 2.7V
-6
-3
0
3
6
2
6
10
14
18
22
26
VDD (Volts)
Bop, Ta= 25oC
Bop, Ta= 150oC
Brp, Ta= 25oC
Brp, Ta= 150oC
0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
40
60
80
100
120
140
160
Ta (
oC)
VDD=2.7V
VDD=12V
VDD=24V
0
0.1
0.2
0.3
0.4
0.5
2
6
10
14
18
22
26
VDD (Volts)
Ta = -40oC
Ta = 25oC
Ta = 150oC
1.5
2.5
3.5
4.5
-40
-20
0
20
40
60
80
100
120
140
160
Ta (
oC)
VDD=2.7V
VDD=12V
VDD=24V
1.5
2.5
3.5
4.5
2
6
10
14
18
22
26
VDD (Volts)
Ta = -40oC
Ta = 25oC
Ta = 150oC


Similar Part No. - MLX92211LUA-AAA-000-BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92211LUA-BAA-xxx-BU MELEXIS-MLX92211LUA-BAA-xxx-BU Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
More results

Similar Description - MLX92211LUA-AAA-000-BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92215 MELEXIS-MLX92215 Datasheet
872Kb / 13P
   3-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Melexis Microelectronic...
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com