Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX91210KDCCAS-102RE Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX91210KDCCAS-102RE
Description  MLX91210 Integrated Current Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91210KDCCAS-102RE Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX91210KDCCAS-102RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MLX91210 Integrated Current Sensor IC
Datasheet
Features and Benefits
Factory trimmed AC and DC current sensor
Analog ratiometric output voltage
Combining sensing element, signal
conditioning & isolation in small footprint
and low profile SOIC package
No application programming required
High speed sensing
DC to 100kHz bandwidth
5µs response time
Robust against external magnetic fields
No magnetic hysteresis
Low ohmic losses of integrated conductor
0.8mΩ SOIC-8 / 0.7mΩ SOIC-16
SOIC-8 narrow body and SOIC-16 wide
body package, RoHS compliant
Lead free component, suitable for lead
free soldering profile up to 260°C, MSL3
Rated voltage isolation
2.1kVRMS for SOIC-8
2.5kVrms for SOIC-16
SOIC-8
SOIC-16
IEC60950-1:2005
+ Am 1:2009 & 2:2013
IEC60950-1:2005
+ Am 1:2009 & 2:2013
N/A
UL1577
Applications
Household/Appliance Smart Metering
Electric Motor Control
Demand Response Load Control
Servers / Motherboard monitoring
Switched Mode Power Supplies
Description
The MLX91210 is an Integrated Current Sensor
that senses the current flowing through the
leadframe of the SOIC package. The current
conductor exhibits low power dissipation (0.7 -
0.8mΩ). By virtue of fixing the current conductor
position with respect to the monolithic CMOS
sensor, a fully integrated Hall-effect current
sensor is obtained, that is factory calibrated.
Inside the package, the magnetic flux density
generated
by
the
current
flow
is
sensed
differentially by two sets of Hall plates. As a result
the
influence
of
external
disturbing
fields
originating from the dense power electronics
surrounding the IC is minimized in the fast analog
front-end. The residual signal is amplified to
provide a high-speed linear analog output voltage.
The close proximity of the Hall plates to the
current conductor ensures a high signal-to-noise
ratio and an accurate signal over temperature.
With this miniaturization, high voltage isolation
ratings are still maintained between the primary
and their opposing secondary side leads of the
package.


Similar Part No. - MLX91210KDCCAS-102RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX91216 MELEXIS-MLX91216 Datasheet
1Mb / 14P
   High Speed Current Sensor IC
MLX91217 MELEXIS-MLX91217 Datasheet
1Mb / 17P
   High Speed Current Sensor IC
MLX91218 MELEXIS-MLX91218 Datasheet
909Kb / 28P
   High Speed Current Sensor IC with OCD
Rev003 2 March 2023
MLX91218LDC-AFV-204-RE MELEXIS-MLX91218LDC-AFV-204-RE Datasheet
909Kb / 28P
   High Speed Current Sensor IC with OCD
Rev003 2 March 2023
MLX91218LDC-ARV-300-RE MELEXIS-MLX91218LDC-ARV-300-RE Datasheet
909Kb / 28P
   High Speed Current Sensor IC with OCD
Rev003 2 March 2023
More results

Similar Description - MLX91210KDCCAS-102RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX91220 MELEXIS-MLX91220 Datasheet
1Mb / 38P
   MLX91220 Integrated Current Sensor IC
REVISION 3.0 - MAY 6, 2022
MLX91221 MELEXIS-MLX91221 Datasheet
1Mb / 37P
   MLX91221 Integrated Current Sensor IC
REVISION 2.0 - MAY 4, 2022
logo
Allegro MicroSystems
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
logo
Rohm
BM14270MUV-LB ROHM-BM14270MUV-LB Datasheet
1Mb / 24P
   Current Sensor IC
16.Jan.2019 Rev.002
logo
MultiDimension Technolo...
TMR7302-E MULTIDIMENSION-TMR7302-E Datasheet
646Kb / 9P
   Integrated Current Sensor
Version 1.0
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS715 ALLEGRO-ACS715_16 Datasheet
796Kb / 15P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com