Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90819 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # MLX90819
Description  Relative Integrated Pressure Sensor Datasheet
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90819 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  MLX90819 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90819 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MLX90819
Datasheet
Page 3 of 11
REVISION 3 – OCTOBER 20, 2016
3901090819
4. Ordering Information
Product
Temperature
Package
Option Code
Packing Form
Definition
MLX90819
L (-40°C to 150°C)
UF
EBA-000
WB
10 to 35 bar range with
electronic wafer map
MLX90819
L (-40°C to 150°C)
UF
EBA-001
WB
10 to 35 bar range inked
wafer
MLX90819
L (-40°C to 150°C)
UF
EBB-000
WB
30 to 50 bar range with
electronic wafer map
MLX90819
L (-40°C to 150°C)
UF
EBA-001
WB
30 to 50 bar range inked
wafer
Table 1: Ordering information
Legend:
Temperature Code:
L: from -40°C to 150°C
Package Code:
“UF” for saw wafer on foil
Option Code:
EBA-000: 10 to 35 bar application range with electronic wafer map
EBA-001: 10 to 35 bar application range inked wafer
EBB-000: 30 to 50 bar application range with electronic wafer map
EBB-001: 30 to 50 bar application range inked wafer
Packing Form:
“WB” for wafer box
Ordering Example:
“MLX90819LUF-EBA-000-WB”
For a sensor covering 10 to 35 bar pressure span in the application delivered as a saw
wafer on foil with an electronic wafer map.


Similar Part No. - MLX90819

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90815 MELEXIS-MLX90815 Datasheet
142Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90815LUFACA-000WB MELEXIS-MLX90815LUFACA-000WB Datasheet
142Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90816 MELEXIS-MLX90816 Datasheet
141Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90816LUFABA-000WB MELEXIS-MLX90816LUFABA-000WB Datasheet
141Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90817 MELEXIS-MLX90817 Datasheet
992Kb / 25P
   Absolute Pressure Sensor IC
More results

Similar Description - MLX90819

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
   Relative Integrated Pressure Sensor
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
   Relative Integrated Pressure Sensor
MLX90809 MELEXIS-MLX90809_17 Datasheet
941Kb / 14P
   Relative Pressure Sensor
MLX90809 MELEXIS-MLX90809 Datasheet
538Kb / 11P
   Relative Pressure Sensor
MLX90821 MELEXIS-MLX90821 Datasheet
1Mb / 40P
   Relative Pressure Sensor IC
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY41-R SIEMENS-KPY41-R Datasheet
70Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com