Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX91206LDCCAH-003TU Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX91206LDCCAH-003TU
Description  IMC-HallCurrent Sensor (TriaxisTechnology)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91206LDCCAH-003TU Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX91206LDCCAH-003TU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX91206LDCCAH-003TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX91206LDCCAH-003TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91206LDCCAH-003TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91206LDCCAH-003TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91206LDCCAH-003TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91206LDCCAH-003TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91206LDCCAH-003TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91206LDCCAH-003TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MLX91206
IMC-Hall
®
Current Sensor (Triaxis
®
Technology)
3901091206
Page 1
Datasheet MLX91206
Rev 043
April 2016
Features and Benefits
 Triaxis® Technology
 Very high sensitivity due to Integrated
Magnetic Concentrator (IMC-Hall®)
 Programmable high speed current sensor IC
 Wideband: DC to 90kHz
 Short response time
 Programmable linear transfer characteristic
 Selectable
 analog ratiometric output
 PWM output with 12 bit resolution
 Thermometer output
 17 bit ID Number
 SOIC8 package RoHS compliant
 Lead free component, suitable for lead free
soldering profile 260°C (target), MSL3
Application Examples
 DC/AC (inverter) converter
 DC/DC switched mode power supply
 Battery Management
 Smart fuse (over-current detection)
 BLDC motor (phase current)
 AC/DC Converters
Ordering Information
Product
Code
Temperature
Code
Package
Code
Ordering
Option Code
Packing
form Code
Sensitivity Range
(Typ.)
MLX91206
L (-40°C to 150°C)
DC (SOIC)
CAL-001
TU (Tube) / RE (Reel)
460-700mV/mT (580mV/mT)
MLX91206
L (-40°C to 150°C)
DC (SOIC)
CAL-002
300-470mV/mT (380mV/mT)
MLX91206
L (-40°C to 150°C)
DC (SOIC)
CAL-003
200-310mV/mT (250mV/mT)
MLX91206
L (-40°C to 150°C)
DC (SOIC)
CAH-001
210-330mV/mT (270mV/mT)
MLX91206
L (-40°C to 150°C)
DC (SOIC)
CAH-002
130-220mV/mT (170mV/mT)
MLX91206
L (-40°C to 150°C)
DC (SOIC)
CAH-003
80-140mV/mT (110mV/mT)
MLX91206
L (-40°C to 150°C)
DC (SOIC)
CAH-004
60-110mV/mT (77.5mV/mT)
MLX91206
L (-40°C to 150°C)
DC (SOIC)
CAH-021
(1)
210-330mV/mT (270mV/mT)
MLX91206
L (-40°C to 150°C)
DC (SOIC)
CAH-104
(2)
0.5-5%DC/mT
(1)
The MLX91206 sensor is in disabledratiometry mode by default for this version
(2)
The MLX91206 sensor is in PWM mode by default for this version
Ordering example: MLX91206LDC-CAL-001-RE
1 Functional Diagram
Hall
Bias
Integrating
P2P
DIDO
LPF
S&H
4-
Phase
Switch
Box
fs = 1MHz
Output
Buffer
Oscillator
1 MHz
Clock
Generator
G = 15 … 239
G = 4
fs = 1MHz
Input data rate
fi = 250kHz or 25kHz
Intermediate data rate
G = 0.4 … 1
Voltage
Regulator
&
Rev.Pol.
protection
fo = 250 kHz or 25 kHz
Output data rate
DIGITAL + EEPROM
10 bits
FG[9:0]
FILTCODE[1:0]
2 bits
Fine Gain
Bandwidth
RG[2:0]
3 bits
Rough Gain
Voq adjust
Clamping
6 bits
3.3V core
5V ratiometric
output
Thermometer
TC1ST[6:0]
TC2ND_COLD[4:0]
XA[11:0]
ADC
PWM Logic
HallSensors
selection
Digital
Ratiometry
MUST0
MUST1
TESTOUT
OUT
VDD
TEMPOUT
VSS
VDIG
3.3V
ana
3.3V
dig
TC2ND_HOT[4:0]
Sensitivity
trimming
Offset
Compensation
OFFSETDRIFT_HOT[5:0]
OFFSETDRIFT_COLD[5:0]
PLATEPOL
Polarity
selection
12 bits
CLAMPLOW[2:0]
CLAMPHIGH[2:0]
Figure 1: Block diagram


Similar Part No. - MLX91206LDCCAH-003TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

Similar Description - MLX91206LDCCAH-003TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91208 MELEXIS-MLX91208 Datasheet
975Kb / 17P
   IMC-Hall Current Sensor (TriaxisTechnology)
CSA-1V MELEXIS-CSA-1V Datasheet
353Kb / 6P
   IMC-Hall짰 Current Sensor
MLX91208 MELEXIS-MLX91208_18 Datasheet
1Mb / 20P
   IMC-Hall짰 Current Sensor (Triaxis짰Technology)
logo
PHOENIX CONTACT
1857896 PHOENIX-1857896 Datasheet
133Kb / 6P
   IMC 1,5/ 3-ST-3,81
1857948 PHOENIX-1857948 Datasheet
137Kb / 6P
   IMC 1,5/ 8-ST-3,81
1857883 PHOENIX-1857883 Datasheet
133Kb / 6P
   IMC 1,5/ 2-ST-3,81
1857906 PHOENIX-1857906 Datasheet
133Kb / 6P
   IMC 1,5/ 4-ST-3,81
logo
3M Electronics
IMC 3M-IMC Datasheet
325Kb / 4P
   LifeASSURE??IMC Series Filter Cartridge
logo
PHOENIX CONTACT
1857922 PHOENIX-1857922 Datasheet
137Kb / 6P
   IMC 1,5/ 6-ST-3,81
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com