Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90819LUFEBA-001WB Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90819LUFEBA-001WB
Description  Relative Integrated Pressure Sensor Datasheet
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90819LUFEBA-001WB Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90819LUFEBA-001WB Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90819LUFEBA-001WB Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90819LUFEBA-001WB Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90819LUFEBA-001WB Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90819LUFEBA-001WB Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90819LUFEBA-001WB Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90819LUFEBA-001WB Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90819LUFEBA-001WB Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90819LUFEBA-001WB Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MLX90819
Datasheet
Page 8 of 11
REVISION 3 – OCTOBER 20, 2016
3901090819
10. Pressure Accuracy Specifications
DC Operating Parameters T = -40°C to 150°C, VDD = 5V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Max
Units
Non Linearity Error
(9)
EBA
Room Temperature
10 bar (2 point calibration)
35 bar (2 point calibration)
EBB
Room Temperature
30 bar (2 point calibration)
50 bar (2 point calibration)
0.1
0.2
0.1
0.2
%FSO
%FSO
Hysteresis
-0.25
0.25
%FSO
Programmable Pressure
Spans
EBA
EBB
10
30
35
50
Bar
Overall Accuracy
(10)
-2.5
2.5
%FSO
Table 6: Pressure accuracy specification
11. Application Information
The MLX90819 only needs 2 capacitors in the application, a 47nF decoupling capacitor on the supply line and a 47nF load on
the analog output pin. When the SENT output is used a 2.2nF capacitor is recommended. Consult Melexis to discuss the ideal
application schematics depending on the EMC specs to be fulfilled.
Vdd
Gnd
AnaOut
MLX90819 in analog mode
47nF
47nF
Figure 4: MLX90819 application schematic - analog
9 Best Fit Non Linearity using ceramics prototype package.
10 Indicative overall accuracy using ceramics prototype package and calibration in engineering setup of EBA at 20bar and EBB at 50bar.


Similar Part No. - MLX90819LUFEBA-001WB

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90815 MELEXIS-MLX90815 Datasheet
142Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90815LUFACA-000WB MELEXIS-MLX90815LUFACA-000WB Datasheet
142Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90816 MELEXIS-MLX90816 Datasheet
141Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90816LUFABA-000WB MELEXIS-MLX90816LUFABA-000WB Datasheet
141Kb / 6P
   Discrete Absolute Pressure Sensor
MLX90817 MELEXIS-MLX90817 Datasheet
992Kb / 25P
   Absolute Pressure Sensor IC
More results

Similar Description - MLX90819LUFEBA-001WB

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
   Relative Integrated Pressure Sensor
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
   Relative Integrated Pressure Sensor
MLX90809 MELEXIS-MLX90809_17 Datasheet
941Kb / 14P
   Relative Pressure Sensor
MLX90809 MELEXIS-MLX90809 Datasheet
538Kb / 11P
   Relative Pressure Sensor
MLX90821 MELEXIS-MLX90821 Datasheet
1Mb / 40P
   Relative Pressure Sensor IC
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY41-R SIEMENS-KPY41-R Datasheet
70Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com