Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX91204KDCABA-001TU Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # MLX91204KDCABA-001TU
Description  360 Degrees Hi-Speed Rotary Position Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91204KDCABA-001TU Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  MLX91204KDCABA-001TU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX91204KDCABA-001TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX91204KDCABA-001TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91204KDCABA-001TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91204KDCABA-001TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91204KDCABA-001TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91204KDCABA-001TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91204KDCABA-001TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91204KDCABA-001TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MLX91204
360 Degrees Hi-Speed Rotary Position Sensor
(Sine/Cosine)
3901091204
Page 5 of 11
Data Sheet
Rev 003
16/Jan/12
6 MLX91204 General Electrical Specification
DC Operating Parameters TA = -40 Deg.C. to +125 Deg.C., VDD = 5.0 V (unless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Nominal Supply Voltage
VDD
4.5
5
5.5
V
Supply Current
IDD
IOUT = 0 mA
16.5
19
mA
Common Output
CO_OUT
Referring to VDD/2, unloaded
- 2
0
2
%VDD
Output Current CO_OUT and
X_OUT and Y_OUT
IOUT
Drop is typically 80mV/mA
- 1
1
mA
Output Load Resistance
RL
5
kΩ
Output Load Capacitance
CL
1000
pF
Start-up cycle
tSTARTUP
150
200
µs
7 MLX91204 Sensor Specification
DC Operating Parameters TA = -40 Deg.C. to 125 Deg.C., VDD = 5.0 V, differential output
(unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Offset Voltage
VOQ
TA = 25 Deg.C. – B = 0 mT
X_OUT & Y_OUT
-10
0
10
mV
Offset Temperature Drift
∆VOQ/∆T
B = 0mT – X_OUT & Y_OUT
(1)
-0.10
0
+0.10
mV/Deg.C.
Sensitivity
S
T = 25 Deg.C.
Option Code : ABA-001
16
25
34
V/T
T = 25 Deg.C.
Option Code : ABA-002
32
50
68
V/T
T = 25 Deg.C.
Option Code : ABA-003
64
100
136
V/T
Sensitivity Temperature
Drift
∆S/[S∆T]
(1)
-0.08
-0.05
-0.01
%/Deg.C.
Sensitivity Mismatch
SXY
SXY = SX/SY
-3
0
3
%
Sensitivity Mismatch
Temperature Drift
∆(SXY)/∆T
(1)
-0.012
0
0.012
%/Deg.C.
Phase Mismatch
SX-∠SY
-1
0
1
Degree
Hysteresis
HYST
(1)
-20
±8
20
µT
Full Scale Magnetic Field
Range (± 2 V Output
Swing)
BFS
Option Code: ABA-001
58.8
mT
Option Code: ABA-002
29.4
mT
Option Code: ABA-003
14.7
mT
Max. Output Voltage
Swing
VOUTMAX
B > BFS – X_OUT &Y_OUT
IOUT = 0 mA
0.25
4.75
V
Angular Speed
ω
2 poles magnet
100k
RPM
Bandwidth (-3dB) DC to
BW
RL > 1 MΩ – CL < 10 pF
15
kHz
Spectral Noise Density
∆BNOISE
750
nT/Hz
½
(1) Characterized


Similar Part No. - MLX91204KDCABA-001TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAH-003RE MELEXIS-MLX91205KDCAAH-003RE Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAH-003TU MELEXIS-MLX91205KDCAAH-003TU Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAL-003RE MELEXIS-MLX91205KDCAAL-003RE Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205KDCAAL-003TU MELEXIS-MLX91205KDCAAL-003TU Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
More results

Similar Description - MLX91204KDCABA-001TU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL601-1045 VISHAY-MODEL601-1045 Datasheet
226Kb / 3P
   Full 360° Smart Position Sensor
Revision: 20-Mar-07
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
   Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
   Rotary Position Sensor
logo
Vishay Siliconix
601-1045 VISHAY-601-1045 Datasheet
226Kb / 3P
   Full 360° Smart Position Sensor
Revision: 20-Mar-07
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
logo
ams AG
AS5132 AMSCO-AS5132_V01 Datasheet
1Mb / 40P
   360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
2016-Jan-26
logo
Melexis Microelectronic...
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
   Rotary Position Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com